Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1463CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1463CS
Description  Dual/Quad Micropower, 260uW C-Load Picoampere Bias Current JFET Input Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1463CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1463CS Datasheet HTML 4Page - Linear Technology LT1463CS Datasheet HTML 5Page - Linear Technology LT1463CS Datasheet HTML 6Page - Linear Technology LT1463CS Datasheet HTML 7Page - Linear Technology LT1463CS Datasheet HTML 8Page - Linear Technology LT1463CS Datasheet HTML 9Page - Linear Technology LT1463CS Datasheet HTML 10Page - Linear Technology LT1463CS Datasheet HTML 11Page - Linear Technology LT1463CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1462/LT1463
14623fa LT/GP 0197 5K REV A • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1996
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1057
Dual JFET Input, Precision, High Speed Op Amp
Fast Settling Time, 14V/
µs Slew Rate, 5MHz GBW, 450µV
VOS(MAX), 50pA IOS(MAX)
LT1113
Dual Low Noise, Precision, JFET Input Op Amp
6nV/
√Hz Input Noise Voltage Density, 480pA IB, 6.3MHz GBW
LT1169
Dual Low Noise, Picoampere Bias Current,
20pA IB, 8nV/√Hz en, 5.3MHz GBW, 1.5pF Input Capacitance
JFET Input Op Amp
LT1457
Dual Precision JFET Input Op Amp C-Load
Drives 10,000pF Capacitive Load, 450
µV VOS(MAX), 4µV/°C Drift
LT1464/LT1465
Dual/Quad Micropower, C-Load Picoampere
Drive 10nF Capacitive Loads, 1MHz GBW
Bias Current JFET Input Op Amps
RELATED PARTS
Micropower 0.016% Voltage-to-Frequency Converter
–
+
–5V
R3
1k
17
87
14
13
416
11
12
5V
LT1009
VREF = –2.5V
C4
1
µF
1/2 LTC1043
fOUT: 0kHz TO 3kHz
CIN
0.1
µF
5V
–5V
6
5
8
7
4
C1
1
µF
1/2 LT1462
C2
30pF
R1
100k
R3
330k
–5V
C3
1
µF
Q1
2N2907A
6.19k
GAIN
2.5k
VIN
0V TO 5V
LT1462 • TA03
RIN
fOUT =
VIN
VREF
(
(
)
)
1
(RIN)(CIN)
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com