Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1376HVCS Datasheet(PDF) 26 Page - Linear Technology

Part # LT1376HVCS
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1376HVCS Datasheet(HTML) 26 Page - Linear Technology

Back Button LT1376HVCS Datasheet HTML 20Page - Linear Technology LT1376HVCS Datasheet HTML 21Page - Linear Technology LT1376HVCS Datasheet HTML 22Page - Linear Technology LT1376HVCS Datasheet HTML 23Page - Linear Technology LT1376HVCS Datasheet HTML 24Page - Linear Technology LT1376HVCS Datasheet HTML 25Page - Linear Technology LT1376HVCS Datasheet HTML 26Page - Linear Technology LT1376HVCS Datasheet HTML 27Page - Linear Technology LT1376HVCS Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
LT1375/LT1376
APPLICATIONS INFORMATION
of thumb here to make a final decision. If modest ripple is
needed and the larger inductor does the trick, go for it. If
ripple is noncritical use the smaller inductor. If ripple is
extremely critical, a second filter may have to be added in
any case, and the lower value of inductance can be used.
Keep in mind that the output capacitor is the other critical
factor in determining output ripple voltage. Ripple shown
on the graph (Figure 19) is with a capacitor ESR of 0.1
Ω.
This is reasonable for an AVX type TPS “D” or “E” size
surface mount solid tantalum capacitor, but the final
capacitor chosen must be looked at carefully for ESR
characteristics.
Ripple Current in the Input and Output Capacitors
Positive-to-negative converters have high ripple current in
both the input and output capacitors. For long capacitor
lifetime, the RMS value of this current must be less than
the high frequency ripple current rating of the capacitor.
The following formula will give an
approximate value for
RMS ripple current.
This formula assumes continuous
mode and large inductor value. Small inductors will give
somewhat higher ripple current, especially in discontinu-
ous mode. The exact formulas are very complex and
appear in Application Note 44, pages 30 and 31. For our
purposes here I have simply added a fudge factor (ff). The
value for ff is about 1.2 for higher load currents and
L
≥10µH. It increases to about 2.0 for smaller inductors at
lower load currents.
Capacitor
ff I
V
V
OUT
OUT
IN
IRMS =
()( )
ff = Fudge factor1 (1.2 to 2.0)
1Normally, Jamoca Almond
Diode Current
Average diode current is equal to load current. Peak diode
current will be considerably higher.
Peak diode current:
Continuous
I
VV
V
VV
Lf V
V
Discontinuous
V
Lf
OUT
IN
OUT
IN
IN
OUT
IN
OUT
OUT
Mode
Mode =
2IOUT
=
+
()
+
()( )
()( ) +
()
()( )
()( )
2
Keep in mind that during start-up and output overloads,
average diode current may be much higher than with
normal loads. Care should be used if diodes rated less than
1A are used, especially if continuous overload conditions
must be tolerated.
Dual Output SEPIC Converter
The circuit in Figure 20 generates both positive and
negative 5V outputs with a single piece of magnetics. The
two inductors shown are actually just two windings on a
standard Coiltronics inductor. The topology for the 5V
output is a standard buck converter. The – 5V topology
would be a simple flyback winding coupled to the buck
converter if C4 were not present. C4 creates the SEPIC
(Single-Ended Primary Inductance Converter) topology
which improves regulation and reduces ripple current in
L1. For details on this circuit see Design Note 100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com