Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1496 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1496
Description  1.5uA Max, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1496 Datasheet(HTML) 2 Page - Linear Technology

  LT1496 Datasheet HTML 1Page - Linear Technology LT1496 Datasheet HTML 2Page - Linear Technology LT1496 Datasheet HTML 3Page - Linear Technology LT1496 Datasheet HTML 4Page - Linear Technology LT1496 Datasheet HTML 5Page - Linear Technology LT1496 Datasheet HTML 6Page - Linear Technology LT1496 Datasheet HTML 7Page - Linear Technology LT1496 Datasheet HTML 8Page - Linear Technology LT1496 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1495/LT1496
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V + to V –) .............................. 36V
Input Differential Voltage ......................................... 36V
Input Current ......................................................
±10mA
Output Short-Circuit Duration ....................... Continuous
Operating Temperature Range ................ – 40
°C to 85°C
Specified Temperature Range (Note 1) ... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Junction Temperature ........................................... 150
°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
Consult factory for Industrial and Military grade parts.
ELECTRICAL CHARACTERISTICS
TA = 25°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VO = half supply, unless otherwise noted.
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
S PACKAGE
14-LEAD PLASTIC SO
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
A
D
B
C
TJMAX = 150°C, θJA = 110°C/ W (N8)
TJMAX = 150°C, θJA = 150°C/ W (S8)
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 190°C/ W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
A
B
S8 PART MARKING
1495
LT1495CN8
LT1495CS8
ORDER PART
NUMBER
LT1496CN
LT1496CS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = 5V
150
375
µV
VS = 3V
200
475
µV
IB
Input Bias Current
(Note 3)
250
1000
pA
VCM = 10V (Note 4)
180
360
nA
IOS
Input Offset Current
(Note 3)
20
100
pA
Input Noise Voltage
0.1Hz to 10Hz
4
µVP-P
en
Input Noise Voltage Density
f = 100Hz
185
nV/
√Hz
in
Input Noise Current Density
f = 100Hz
10
fA/
√Hz
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.25V to 4.5V, RL = 100k
100
500
V/mV
VS = 3V, VO = 0.25V to 2.5V, RL = 100k
50
250
V/mV
Input Voltage Range
0
36
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to 4V, VS = 5V
90
106
dB
VCM = 0V to 10V, VS = 5V
74
95
dB
PSRR
Power Supply Rejection Ratio
VS = 2.2V to 12V, VCM = VO = 0.5V
90
99
dB
Minimum Operating Supply Voltage
2.1
2.2
V
VOL
Output Voltage Swing LOW
No Load
50
100
mV
ISINK = 100µA
210
410
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com