Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1491CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1491CS
Description  Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1491CS Datasheet(HTML) 1 Page - Linear Technology

  LT1491CS Datasheet HTML 1Page - Linear Technology LT1491CS Datasheet HTML 2Page - Linear Technology LT1491CS Datasheet HTML 3Page - Linear Technology LT1491CS Datasheet HTML 4Page - Linear Technology LT1491CS Datasheet HTML 5Page - Linear Technology LT1491CS Datasheet HTML 6Page - Linear Technology LT1491CS Datasheet HTML 7Page - Linear Technology LT1491CS Datasheet HTML 8Page - Linear Technology LT1491CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1490/LT1491
Dual and Quad
Micropower Rail-to-Rail
Input and Output Op Amps
FEATURES
DESCRIPTION
s
Rail-to-Rail Input and Output
s
Single Supply Input Range: – 0.4V to 44V
s
Micropower: 50
µA/Amplifier Max
s
Specified on 3V, 5V and
±15V Supplies
s
High Output Current: 20mA
s
Output Drives 10,000pF with Output Compensation
s
Reverse Battery Protection to 18V
s
No Supply Sequencing Problems
s
High Voltage Gain: 1500V/mV
s
High CMRR: 98dB
s
No Phase Reversal
s
Gain Bandwidth Product: 200kHz
The dual LT
®1490 and quad LT1491 op amps operate on all
single and split supplies with a total voltage of 2V to 44V
drawing only 40
µA of quiescent current per amplifier. These
amplifiers are reverse supply protected; they draw no current
for reverse supply up to 18V. The input range of the LT1490/
LT1491 includes both supplies and the output swings to both
supplies. Unlike most micropower op amps, the LT1490/
LT1491 can drive heavy loads; their rail-to-rail outputs drive
20mA. The LT1490/LT1491 are unity-gain stable and drive all
capacitive loads up to 10,000pF when optional 0.22
µF and
150
Ω compensation is used.
The LT1490/LT1491 have a unique input stage that oper-
ates and remains high impedance when above the positive
supply. The inputs take 44V both differential and common
mode even when operating on a 3V supply. Built-in resis-
tors protect the inputs for faults below the negative supply
up to 22V. There is no phase reversal of the output for inputs
22V below V – or 44V above V–, independent of V +.
The LT1490 dual op amp is available in the 8-pin SO and
PDIP packages. The quad LT1491 is available in the 14-pin
SO and PDIP packages.
s
Battery- or Solar-Powered Systems
Portable Instrumentation
Sensor Conditioning
s
Supply Current Sensing
s
Battery Monitoring
s
Micropower Active Filters
s
4mA to 20mA Transmitters
APPLICATIONS
–
+
–
+
RA
2k
Q2
2N3904
S1
S1 = OPEN, GAIN = 1
S1 = CLOSED, GAIN = 10
RA = RB
VS = 5V, 0V
10k
90.9k
VOUT
LOGIC
1490/91 TA01
LOGIC HIGH (5V) = CHARGING
LOGIC LOW (0V) = DISCHARGING
RG
10k
Q1
2N3904
RS
0.2
Ω
CHARGER
VOLTAGE
A
1/4 LT1491
B
1/4 LT1491
RA'
2k
RB
2k
VBATT = 12V
IBATT
+
RB'
2k
LOAD
–
+
–
+
C
1/4 LT1491
D
1/4 LT1491
VOUT
(RS)(RG/RA)(GAIN)
VOUT
GAIN
IBATT =
=
AMPS
Battery Monitor
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1491CS

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1491 LINEAR_DIMENSIONS-LT1491 Datasheet
184Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1491 LINER-LT1491 Datasheet
223Kb / 12P
Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A Datasheet
343Kb / 16P
Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A Datasheet
860Kb / 22P
Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
LT1491A LINER-LT1491A Datasheet
234Kb / 18P
Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1491CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L Datasheet
274Kb / 12P
Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1490 LINER-LT1490_15 Datasheet
223Kb / 12P
Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
LT1491 LINER-LT1491_15 Datasheet
223Kb / 12P
Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L_15 Datasheet
248Kb / 12P
Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com