Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS1008G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFS1008G
Description  Surface Mount Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFS1008G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFS1008G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFS1008G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFS1008G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SFS1008G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low forward voltage drop
- Ideal for automated placement
- High current capability
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
Trr
ns
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1405076
Version: G14
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
SFS
1001
G
SFS
1002
G
SFS
1003
G
SFS
1004
G
SFS
1005
G
SFS
1006
G
Maximum reverse recovery time (Note 2)
35
Typical thermal resistance
2
Operating junction temperature range
- 55 to +150
Typical junction capacitance (Note 3)
70
50
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
1
μA
200
V
Maximum instantaneous forward voltage (Note 1)
IF= 5 A
VF
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
125
A
0.975
1.3
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
10
SFS
1007
G
SFS
1008
G
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
1.7
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
TO-263AB (D
2PAK)
Case:
TO-263AB (D
2PAK)
Polarity:
As marked
Weight:
1.37 g (approximately)
SFS1001G thru SFS1008G
Taiwan Semiconductor
Surface Mount Super Fast Rectifiers
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020


Similar Part No. - SFS1008G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFS1008G TSC-SFS1008G Datasheet
143Kb / 2P
10.0AMPS Surface Mount Super Fast Rectifiers
SFS1008G TSC-SFS1008G Datasheet
436Kb / 4P
10.0AMPS Surface Mount Super Fast Rectifiers
SFS1008GH TSC-SFS1008GH Datasheet
590Kb / 6P
10A, 50V - 600V Super Fast Surface Mount Rectifier
More results

Similar Description - SFS1008G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SS5A EIC-SS5A Datasheet
41Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SynSemi, Inc.
MURA130 SYNSEMI-MURA130 Datasheet
44Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES2A WEITRON-ES2A Datasheet
45Kb / 2P
Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS3A EIC-SS3A_05 Datasheet
43Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES3AB WEITRON-ES3AB_11 Datasheet
191Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFAS801G TSC-SFAS801G_14 Datasheet
385Kb / 4P
Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES2AA GOOD-ARK-ES2AA_15 Datasheet
407Kb / 2P
super fast surface mount rectifiers
logo
Anova Technologies CO.,...
ES3B ANOVA-ES3B Datasheet
296Kb / 2P
Surface Mount Super Fast Rectifiers
logo
ON Semiconductor
US2AA ONSEMI-US2AA Datasheet
246Kb / 5P
Super Fast Surface Mount Rectifiers
February, 2021 ??Rev. 4
US1AFA ONSEMI-US1AFA Datasheet
204Kb / 5P
Super Fast Surface Mount Rectifiers
January, 2021 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com