Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS1604G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SFS1604G
Description  Surface Mount Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFS1604G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SFS1604G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFS1604G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFS1604G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SFS1604G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
SFS1608G
SFS1608G
SFS1608G
(TA=25℃ unless otherwise noted)
Document Number: DS_D1405077
Version: K14
SFS1601G thru SFS1608G
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
PACKING
SFS160xG
(Note 1)
Prefix "H"
RN
Suffix "G"
D
2PAK
800 / 13" Paper reel
C0
D
2PAK
50 / Tube
Note 1: "x" defines voltage from 50V (SFS1601G) to 600V (SFS1608G)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
SFS1608G RN
RN
SFS1608G RNG
RN
G
Green compound
SFS1608GHRN
H
RN
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
0
4
8
12
16
20
0
255075
100
125
150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
0
30
60
90
120
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=100℃
TJ=75℃
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
SFS1607G-SFS1608G
Pulse Width=300μs
1% Duty Cycle
SFS1605G-SFS1606G
SFS1601G-SFS1604G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com