Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDMP-0905 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LDMP-0905
Description  LDMP- SERIES HIGH POWER PULSED LASER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LDMP-0905 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LDMP-0905 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LDMP-0905 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LDMP-0905 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10.08.2010
ldmp_0905.doc
2 of 3
Specifications (25°C):
Symbol LDMP-0905-20W-
51
LDMP-0905-
050W-91
LDMP-0905-80W-
93
Units
Center
Wavelength
λo
905
905
905
nm
Wavelength
Tolerance
±10
±10
±10
Peak Forward
Current
If
50
50
50
A
Peak Output
Power
Po
20
50
70
W
Pulse Width Max.
Tw
50~100
50~100
50~100
ns
Duty Factor
DF
0.05
0.05
0.05
%
Peak Forward
Volage
Vf
40
50
52
V
Beam Divergence
FWHM
10x40
10x40
10x40
Degree
Source Size
WxH
370x1
400x6
370x200
µm
Number of Laser
Diode Element
1
3
3
pcs.
Package
TO-5.6mm with
3 pins
TO-9mm
TO-9mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com