Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1512CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1512CS8
Description  SEPIC Constant-Current/ Constant-Voltage Battery Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1512CS8 Datasheet(HTML) 2 Page - Linear Technology

  LT1512CS8 Datasheet HTML 1Page - Linear Technology LT1512CS8 Datasheet HTML 2Page - Linear Technology LT1512CS8 Datasheet HTML 3Page - Linear Technology LT1512CS8 Datasheet HTML 4Page - Linear Technology LT1512CS8 Datasheet HTML 5Page - Linear Technology LT1512CS8 Datasheet HTML 6Page - Linear Technology LT1512CS8 Datasheet HTML 7Page - Linear Technology LT1512CS8 Datasheet HTML 8Page - Linear Technology LT1512CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1512
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
VFB Reference Voltage
Measured at FB Pin
1.233
1.245
1.257
V
VC = 0.8V
q
1.228
1.245
1.262
V
FB Input Current
VFB = VREF
300
550
nA
q
600
nA
FB Reference Voltage Line Regulation
2.7V
≤ VIN ≤ 25V, VC = 0.8V
q
0.01
0.03
%/V
VIREF
IFB Reference Voltage
Measured at IFB Pin
– 107
– 100
– 93
mV
VFB = 0V, VC = 0.8V
q
–110
– 100
– 90
mV
IFB Input Current
VIFB = VIREF (Note 2)
q
10
25
35
µA
IFB Reference Voltage Line Regulation
2.7V
≤ VIN ≤ 25V, VC = 0.8V
q
0.01
0.05
%/V
gm
Error Amplifier Transconductance
∆IC = ±25µA
1100
1500
1900
µmho
q
700
2300
µmho
Error Amplifier Source Current
VFB = VREF – 150mV, VC = 1.5V
q
120
200
350
µA
Error Amplifier Sink Current
VFB = VREF + 150mV, VC = 1.5V
q
1400
2400
µA
Error Amplifier Clamp Voltage
High Clamp, VFB = 1V
1.70
1.95
2.30
V
Low Clamp, VFB = 1.5V
0.25
0.40
0.52
V
AV
Error Amplifier Voltage Gain
500
V/ V
VC Pin Threshold
Duty Cycle = 0%
0.8
1
1.25
V
f
Switching Frequency
2.7V
≤ VIN ≤ 25V
450
500
550
kHz
0
°C ≤ TJ ≤ 125°C
q
430
500
580
kHz
–40
°C ≤ TJ < 0°C (LT1512I)
400
580
kHz
Maximum Switch Duty Cycle
q
88
95
%
Switch Current Limit Blanking Time
130
260
ns
BV
Output Switch Breakdown Voltage
0
°C ≤ TJ ≤ 125°C
q
40
47
V
–40
°C ≤ TJ < 20°C (LT1512I)
35
V
VIN = 5V, VC = 0.6V, VFB = VREF, IFB = 0V, VSW and S/S pins open, unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
Input Voltage .......................................................... 30V
Switch Voltage ........................................................ 40V
S/S Pin Voltage ....................................................... 30V
FB Pin Voltage (Transient, 10ms) .........................
±10V
VFB Pin Current .................................................... 10mA
IFB Pin Voltage (Transient, 10ms) ......................... ±10V
Storage Temperature Range ................ – 65
°C to 150°C
Ambient Temperature Range
LT1512C (Note 3) .................................... 0
°C to 70°C
LT1512I .............................................. – 40
°C to 85°C
Operating Junction Temperature Range
LT1512C (Note 3) ............................ – 20
°C to 125°C
LT1512I ............................................ – 40
°C to 125°C
Short Circuit ......................................... 0
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 100°C/ W (N)
TJMAX = 125°C, θJA = 130°C/ W (S)
Consult factory for Military grade parts.
1
2
3
4
8
7
6
5
TOP VIEW
VC
FB
IFB
S/S
VSW
GND
GND S
VIN
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
S8 PART
MARKING
1512
1512I
LT1512CN8
LT1512CS8
LT1512IN8
LT1512IS8
NOTE: CONTACT FACTORY CONCERNING 16-LEAD
FUSED-LEAD GN PACKAGE WITH LOWER THERMAL
RESISTANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com