Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1510CS Datasheet(PDF) 13 Page - Linear Technology

Part # LT1510CS
Description  Constant-Voltage/ Constant-Current Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1510CS Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1510CS Datasheet HTML 8Page - Linear Technology LT1510CS Datasheet HTML 9Page - Linear Technology LT1510CS Datasheet HTML 10Page - Linear Technology LT1510CS Datasheet HTML 11Page - Linear Technology LT1510CS Datasheet HTML 12Page - Linear Technology LT1510CS Datasheet HTML 13Page - Linear Technology LT1510CS Datasheet HTML 14Page - Linear Technology LT1510CS Datasheet HTML 15Page - Linear Technology LT1510CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1510/LT1510-5
APPLICATIONS INFORMATION
Example: VIN = 15V, VBAT = 8.4V, IBAT = 1.2A;
PmA
mA
mA
W
PW
BIAS
DRIVER
=
()( )+
()
+ ()
+
()( )
[]=
=
()( ) +


()
=
35
15
15
84
84
15
75
0012 12
017
12 84
1
84
30
55 15
013
2
2
..
.
.
..
.
.
..
.
.
P
kHz
W
PW
SW
SENSE
= () (
)( )
+
()( )(
)
=+
=
=
()( ) =
−
12
035 8 4
15
10 10
15 1 2 200
028 0 04
032
018 1 2
0 26
2
9
2
..
.
•.
..
.
..
.
Total power in the IC is:
0.17 + 0.13 + 0.32+ 0.26 = 0.88W
Temperature rise will be (0.88W)(50
°C/W) = 44°C. This
assumes that the LT1510 is properly heat sunk by con-
necting the four fused ground pins to the expanded traces
and that the PC board has a backside or internal plane for
heat spreading.
The PDRIVER term can be reduced by connecting the boost
diode D2 (see Figures 2 and 6 circuits) to a lower system
voltage (lower than VBAT) instead of VBAT (see Figure 8).
Then,
P
IV
V
V
V
DRIVER
BAT
BAT
X
X
IN
=
()( )( ) +


()
1
30
55
For example, VX = 3.3V,
P
AVV
V
V
W
DRIVER =
()()() +


()
=
12
84
33
1
33
30
55 15
0 045
..
.
.
.
The average IVX required is:
P
V
W
V
mA
DRIVER
X
==
0 045
33
14
.
.
Total board area becomes an important factor when the
area of the board drops below about 20 square inches. The
graph in Figure 9 shows thermal resistance vs board area
for 2-layer and 4-layer boards. Note that 4-layer boards
have significantly lower thermal resistance, but both types
show a rapid increase for reduced board areas. Figure 10
shows actual measured lead temperature for chargers
operating at full current. Battery voltage and input voltage
will affect device power dissipation, so the data sheet
power calculations must be used to extrapolate these
readings to other situations.
Vias should be used to connect board layers together.
Planes under the charger area can be cut away from the
rest of the board and connected with vias to form both a
BOARD AREA (IN
2)
0
60
55
50
45
40
35
30
25
15
25
1510 F08
510
20
30
35
S16, MEASURED FROM AIR AMBIENT
TO DIE USING COPPER LANDS AS
SHOWN ON DATA SHEET
2-LAYER BOARD
4-LAYER BOARD
Figure 9. LT1510 Thermal Resistance
BOOST
SW
SENSE
VX
IVX
1510 F07
LT1510
C1
L1
D2
10
µF
+
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com