Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1579CS-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1579CS-5
Description  300mA Dual Input Smart Battery Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579CS-5 Datasheet(HTML) 2 Page - Linear Technology

  LT1579CS-5 Datasheet HTML 1Page - Linear Technology LT1579CS-5 Datasheet HTML 2Page - Linear Technology LT1579CS-5 Datasheet HTML 3Page - Linear Technology LT1579CS-5 Datasheet HTML 4Page - Linear Technology LT1579CS-5 Datasheet HTML 5Page - Linear Technology LT1579CS-5 Datasheet HTML 6Page - Linear Technology LT1579CS-5 Datasheet HTML 7Page - Linear Technology LT1579CS-5 Datasheet HTML 8Page - Linear Technology LT1579CS-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1579
TJMAX = 125°C, θJA = 90°C/W
ABSOLUTE MAXIMUM RATINGS
Power Input Pin Voltage ......................................
±20V*
Output Pin Voltage
Fixed Devices............................................. 6.5V, – 6V
Adjustable Device ............................................
±20V*
Output Pin Reverse Current .................................... 5mA
ADJ Pin Voltage .............................................. 2V, – 0.6V
ADJ Pin Current ...................................................... 5mA
Control Input Pin Voltage ............................ 6.5V, – 0.6V
Control Input Pin Current ....................................... 5mA
PACKAGE/ORDER I FOR ATIO
BIASCOMP Pin Voltage ............................... 6.5V, – 0.6V
BIASCOMP Pin Current .......................................... 5mA
Logic Flag Output Voltage ............................ 6.5V, – 0.6V
Logic Flag Input Current ......................................... 5mA
Output Short-Circuit Duration .......................... Indefinite
Storage Temperature Range ................. – 65
°C to 150°C
Operating Junction Temperature Range .... 0
°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
*For applications requiring input voltage ratings greater than 20V,
consult factory.
ORDER PART
NUMBER
ORDER PART
NUMBER
Consult factory for Industrial and Military grade parts.
SEE APPLICATION INFORMATION SECTION
TJMAX = 125°C, θJA = 90°C/W
SEE APPLICATION INFORMATION SECTION
LT1579CS8
S8 PART MARKING
15793
157933
15795
LT1579CS8-3
LT1579CS8-3.3
LT1579CS8-5
ORDER PART
NUMBER
S8 PART MARKING
1579
ORDER PART
NUMBER
SEE APPLICATION INFORMATION SECTION
TOP VIEW
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
VIN1
VIN2
SS
SHDN
LBI1
LBI2
GND
GND
OUT
BACKUP
DROPOUT
LBO1
LBO2
BIASCOMP
GND
POWER
INPUTS
CONTROL
INPUTS
LOGIC
OUTPUTS
GN PACKAGE
16-LEAD PLASTIC SSOP
S PACKAGE
16-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 95°C/W (GN)
TJMAX = 125°C, θJA = 68°C/W (S)
TJMAX = 125°C, θJA = 95°C/W (GN)
TJMAX = 125°C, θJA = 68°C/W (S)
SEE APPLICATION INFORMATION SECTION
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
VIN1
VIN2
SS
SHDN
LBI1
LBI2
GND
GND
OUT
ADJ
BACKUP
LBO1
LBO2
BIASCOMP
GND
POWER
INPUTS
CONTROL
INPUTS
LOGIC
OUTPUTS
1
2
3
4
8
7
6
5
TOP VIEW
OUT
BACKUP
DROPOUT
BIASCOMP
VIN1
VIN2
SHDN
GND
S8 PACKAGE
8-LEAD PLASTIC SO
POWER
INPUTS
CONTROL
INPUT
LOGIC
OUTPUTS
1
2
3
4
8
7
6
5
TOP VIEW
OUT
ADJ
BACKUP
BIASCOMP
VIN1
VIN2
SHDN
GND
S8 PACKAGE
8-LEAD PLASTIC SO
POWER
INPUTS
CONTROL
INPUT
LOGIC
OUTPUT
LT1579CGN-3
LT1579CGN-3.3
LT1579CGN-5
LT1579CS-3
LT1579CS-3.3
LT1579CS-5
LT1579CGN
LT1579CS
GN PART MARKING
15793
157933
15795
GN PART MARKING
1579



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com