Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1610 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1610
Description  1.7MHz, Single Cell Micropower DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1610 Datasheet(HTML) 2 Page - Linear Technology

  LT1610 Datasheet HTML 1Page - Linear Technology LT1610 Datasheet HTML 2Page - Linear Technology LT1610 Datasheet HTML 3Page - Linear Technology LT1610 Datasheet HTML 4Page - Linear Technology LT1610 Datasheet HTML 5Page - Linear Technology LT1610 Datasheet HTML 6Page - Linear Technology LT1610 Datasheet HTML 7Page - Linear Technology LT1610 Datasheet HTML 8Page - Linear Technology LT1610 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1610
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
TJMAX = 125°C, θJA = 160°C/W
TJMAX = 125°C, θJA = 120°C/W
(Note 1)
VIN Voltage ................................................................ 8V
SW Voltage ............................................... – 0.4V to 30V
FB Voltage ..................................................... VIN + 0.3V
VC Voltage ................................................................ 2V
COMP Voltage .......................................................... 2V
Current into FB Pin ..............................................
±1mA
SHDN Voltage ............................................................ 8V
Consult factory for Military grade parts.
Maximum Junction Temperature ......................... 125
°C
Operating Temperature Range (Note 1)
Commercial ............................................. 0
°C to 70°C
Extended Commercial (Note 2) .......... – 40
°C to 85°C
Industrial ........................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LT1610CS8
LT1610IS8
S8 PART MARKING
1610
1610I
ORDER PART
NUMBER
LT1610CMS8
MS8 PART MARKING
LTDT
1
2
3
4
VC
FB
SHDN
PGND
8
7
6
5
COMP
GND
VIN
SW
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
1
2
3
4
8
7
6
5
TOP VIEW
VC
FB
SHDN
PGND
COMP
GND
VIN
SW
S8 PACKAGE
8-LEAD PLASTIC SO
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
0.9
1
V
Maximum Operating Voltage
8V
Feedback Voltage
q
1.20
1.23
1.26
V
Quiescent Current
VSHDN = 1.5V, Not Switching
30
60
µA
Quiescent Current in Shutdown
VSHDN = 0V, VIN = 2V
0.01
0.5
µA
VSHDN = 0V, VIN = 5V
0.01
1.0
µA
FB Pin Bias Current
q
27
80
nA
Reference Line Regulation
1V
≤ VIN ≤ 2V (25°C, 0°C)
0.6
1
%/V
1V
≤ VIN ≤ 2V (70°C)
2
%/V
2V
≤ VIN ≤ 8V (25°C, 0°C)
0.03
0.15
%/V
2V
≤ VIN ≤ 8V (70°C)
0.2
%/V
Error Amp Transconductance
∆I = 2µA25
µmhos
Error Amp Voltage Gain
100
V/V
Switching Frequency
q
1.4
1.7
2
MHz
Maximum Duty Cycle
77
80
95
%
q
75
95
%
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the specified temperature
range, otherwise specifications are at TA = 25°C. Commercial grade 0°C to 70°C, VIN = 1.5V, VSHDN = VIN, unless otherwise noted.
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com