Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC670M-TO46FW-PD Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # VC670M-TO46FW-PD
Description  red vcsel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

VC670M-TO46FW-PD Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  VC670M-TO46FW-PD Datasheet HTML 1Page - Roithner LaserTechnik GmbH VC670M-TO46FW-PD Datasheet HTML 2Page - Roithner LaserTechnik GmbH VC670M-TO46FW-PD Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.roithner-laser.com
2
Thermal Characteristics
Outline Dimensions
All Dimensions in mm
Electrical Connection
Parameter
Symbol
Values
Min.
Typ.
Max.
Test Conditions
Unit
Max. Operating Temperature
Optical Output Power
PT=50°C
0.5
TC=50°C, 5mA
mW
ITH Temperature Variation
ΔITH
1.5
TC=-20 to 50°C
mA
η Temperature Variation
Δη / ΔT
-0.8
TC=-20 to 50°C,5mA
%/°C
λ Temperature Variation
Δλ / ΔT
0.05
TC=-20 to 50°C,5mA
nm/°C
TO46FW
TO-46 with flat window
Lead
Description
PIN 1
LD Anode
PIN 2
LD Cathode, PD Anode
PIN 3
PD Cathode



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com