Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1611CS5 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1611CS5
Description  Inverting 1.4MHz Switching Regulator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1611CS5 Datasheet(HTML) 5 Page - Linear Technology

  LT1611CS5 Datasheet HTML 1Page - Linear Technology LT1611CS5 Datasheet HTML 2Page - Linear Technology LT1611CS5 Datasheet HTML 3Page - Linear Technology LT1611CS5 Datasheet HTML 4Page - Linear Technology LT1611CS5 Datasheet HTML 5Page - Linear Technology LT1611CS5 Datasheet HTML 6Page - Linear Technology LT1611CS5 Datasheet HTML 7Page - Linear Technology LT1611CS5 Datasheet HTML 8Page - Linear Technology LT1611CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1611
OPERATIO
boost converter, generating a negative output voltage,
which is directly regulated. The circuit schematic is de-
tailed in Figure 3. Only one inductor is required, and the
two diodes can be in a single SOT-23 package. Output
noise is the same as in a boost converter, because current
is delivered to the output only during the time when the
LT1611’s internal switch is off.
If D2 is replaced by an inductor, as shown in Figure 4, a
higher performance solution results. This converter topol-
ogy was developed by Professor S. Cuk of the California
Institute of Technology in the 1970s. A low ripple voltage
results with this topology due to inductor L2 in series with
the output. Abrupt changes in output capacitor current are
eliminated because the output inductor delivers current to
the output during both the off-time and the on-time of the
LT1611 switch. With proper layout and high quality output
capacitors, output ripple can be as low as 1mVP–P.
The operation of Cuk’s topology is shown in Figures 5
and 6. During the first switching phase, the LT1611’s
switch, represented by Q1, is on. There are two current
loops in operation. The first loop begins at input capacitor
C1, flows through L1, Q1 and back to C1. The second loop
flows from output capacitor C3, through L2, C2, Q1 and
back to C3. The output current from RLOAD is supplied by
L2 and C3. The voltage at node SW is VCESAT and at node
SWX the voltage is –(VIN + |VOUT|). Q1 must conduct both
L1 and L2 current. C2 functions as a voltage level shifter,
with an approximately constant voltage of (VIN + |VOUT|)
across it.
When Q1 turns off during the second phase of switching,
the SW node voltage abruptly increases to (VIN + |VOUT|).
The SWX node voltage increases to VD (about 350mV).
Now current in the first loop, begining at C1, flows through
L1, C2, D1 and back to C1. Current in the second loop flows
from C3 through L2, D1 and back to C3. Load current
continues to be supplied by L2 and C3.
An important layout issue arises due to the chopped
nature of the currents flowing in Q1 and D1. If they are both
tied directly to the ground plane before being combined,
switching noise will be introduced into the ground plane.
It is almost impossible to get rid of this noise, once present
in the ground plane. The solution is to tie D1’s cathode to
the ground pin of the LT1611 before the combined cur-
rents are dumped into the ground plane as drawn in
Figures 4, 5 and 6. This single layout technique can
virtually eliminate high frequency “spike” noise so often
present on switching regulator outputs.
Output ripple voltage appears as a triangular waveform
riding on VOUT. Ripple magnitude equals the ripple current
of L2 multiplied by the equivalent series resistance (ESR)
of output capacitor C3. Increasing the inductance of L1
and L2 lowers the ripple current, which leads to lower
output voltage ripple. Decreasing the ESR of C3, by using
ceramic or other low ESR type capacitors, lowers output
ripple voltage. Output ripple voltage can be reduced to
arbitrarily low levels by using large value inductors and
low ESR, high value capacitors.
VIN
VIN
–VOUT
1611 F03
SW
L1
D1
D2
GND
LT1611
C1
C3
C2
1
µF
R2
10k
R1
NFB
SHDN
SHUTDOWN
+
VIN
VIN
–VOUT
1611 F04
SW
L1
L2
D1
GND
LT1611
C1
C3
C2
1
µF
R2
10k
R1
NFB
+
Figure 3. Direct Regulation of Negative Output
Using Boost Converter with Charge Pump
Figure 4. L2 Replaces D2 to Make Low Output Ripple
Inverting Topology. Coupled or Uncoupled Inductors Can
Be Used. Follow Phasing If Coupled for Best Results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com