Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1613CS5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1613CS5
Description  1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1613CS5 Datasheet(HTML) 1 Page - Linear Technology

  LT1613CS5 Datasheet HTML 1Page - Linear Technology LT1613CS5 Datasheet HTML 2Page - Linear Technology LT1613CS5 Datasheet HTML 3Page - Linear Technology LT1613CS5 Datasheet HTML 4Page - Linear Technology LT1613CS5 Datasheet HTML 5Page - Linear Technology LT1613CS5 Datasheet HTML 6Page - Linear Technology LT1613CS5 Datasheet HTML 7Page - Linear Technology LT1613CS5 Datasheet HTML 8Page - Linear Technology LT1613CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1613
1.4MHz, Single Cell DC/DC
Converter in 5-Lead SOT-23
s
Uses Tiny Capacitors and Inductor
s
Internally Compensated
s
Fixed Frequency 1.4MHz Operation
s
Operates with VIN as Low as 1.1V
s
3V at 30mA from a Single Cell
s
5V at 200mA from 3.3V Input
s
15V at 60mA from Four Alkaline Cells
s
High Output Voltage: Up to 34V
s
Low Shutdown Current: <1
µA
s
Low VCESAT Switch: 300mV at 300mA
s
Tiny 5-Lead SOT-23 Package
The LT
®1613 is the industry’s first 5-lead SOT-23 current
mode DC/DC converter. Intended for small, low power
applications, it operates from an input voltage as low as
1.1V and switches at 1.4MHz, allowing the use of tiny, low
cost capacitors and inductors 2mm or less in height. Its
small size and high switching frequency enables the
complete DC/DC converter function to take up less than
0.2 square inches of PC board area. Multiple output power
supplies can now use a separate regulator for each output
voltage, replacing cumbersome quasi-regulated ap-
proaches using a single regulator and a custom trans-
former.
A constant frequency, internally compensated current
mode PWM architecture results in low, predictable output
noise that is easy to filter. The high voltage switch on the
LT1613 is rated at 36V, making the device ideal for boost
converters up to 34V as well as for Single-Ended Primary
Inductance Converter (SEPIC) and flyback designs. The
device can generate 5V at up to 200mA from a 3.3V supply
or 5V at 175mA from four alkaline cells in a SEPIC design.
The LT1613 is available in the 5-lead SOT-23 package.
s
Digital Cameras
s
Pagers
s
Cordless Phones
s
Battery Backup
s
LCD Bias
s
Medical Diagnostic Equipment
s
Local 5V or 12V Supply
s
External Modems
s
PC Cards
Efficiency Curve
LOAD CURRENT (mA)
0
50
100 150 200 250 300 350 400
1613 TA01a
100
95
90
85
80
75
70
65
60
55
50
VIN = 4.2V
VIN = 3.5V
VIN = 2.8V
VIN = 1.5V
Figure 1. 3.3V to 5V 200mA DC/DC Converter
VIN
VIN
3.3V
VOUT
5V
200mA
1613 TA01
SW
L1
4.7
µH
D1
GND
LT1613
L1: MURATA LQH3C4R7M24 OR SUMIDA CD43-4R7
C1: AVX TAJA156M010
C2: AVX TAJB226M006
D1: MBR0520
C1
15
µF
C2
22
µF
R2
12.1k
R1
37.4k
FB
SHDN
SHDN
+
+
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LT1613CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1613 LINER-LT1613 Datasheet
274Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1613 LINER-LT1613 Datasheet
300Kb / 12P
1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
LT1613 LINER-LT1613_15 Datasheet
300Kb / 12P
1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
More results

Similar Description - LT1613CS5

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RK1A RICOH-RN5RK1A Datasheet
226Kb / 23P
SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
1MHz Step-Down DC/DC Converter in SOT-23
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Analog Intergrations Co...
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
Micropower Inverting DC/DC Converter in SOT-23-5
logo
RICOH electronics devic...
RN5RKXX1A RICOH-RN5RKXX1A Datasheet
1Mb / 22P
SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
National Semiconductor ...
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Linear Technology
LT1613 LINER-LT1613_15 Datasheet
300Kb / 12P
1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
logo
Shenzhen Huazhimei Semi...
HM1613 HMSEMI-HM1613 Datasheet
4Mb / 12P
1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com