Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1621 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1621
Description  Rail-to-Rail Current Sense Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1621 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1621 Datasheet HTML 4Page - Linear Technology LT1621 Datasheet HTML 5Page - Linear Technology LT1621 Datasheet HTML 6Page - Linear Technology LT1621 Datasheet HTML 7Page - Linear Technology LT1621 Datasheet HTML 8Page - Linear Technology LT1621 Datasheet HTML 9Page - Linear Technology LT1621 Datasheet HTML 10Page - Linear Technology LT1621 Datasheet HTML 11Page - Linear Technology LT1621 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1620/LT1621
TYPICAL APPLICATIONS
High Efficiency Buck Constant Current Source
Programmable Constant Current Source
AVG
PROG
VCC
+IN
SENSE
LT1620MS8
1
2
3
4
8
7
IOUT
GND
–IN
6
5
0.1
µF
10k
1%
RPROG
18k
0.1
µF
1
µF
IPROG
2N3904
22
Ω
VN2222LM
OUT
IN
GND
SHDN
SHUTDOWN
0.1
µF
6V
TO 28V
470
Ω
0.1
Ω
LT1121CS8-5
0.1
µF
IOUT
0A TO 1A
IOUT = (IPROG)(10,000)
RPROG = 40k FOR 1A OUTPUT
LT1620/21 • TA01
81
53
D45VH10
+
AVG
PROG
PROG2
+IN
SENSE
LT1620GN
1
3
5
16
14
IOUT
GND
13
9
AVG2
6
MODE
12
VCC
8
–IN
11
47k
0.047
µF
IOUT
0A TO 1A
LT1620/21 • TA04
MBRS130T3
20k
0.1
µF
10k
1%
IPROG
RPROG
10k
820
Ω
4.7k
1
µF
33k
2N7002
2N7002
2N4403
2N4401
10k
4.7k
Si9405
22
µF
25V
TPS
22
µF
25V
TPS
0.1
µF
5V
6V TO
15V
50
µH
CTX50-4
0.05
Ω
IOUT = (IPROG)(20,000)
RPROG = 90k FOR 1A OUTPUT
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com