Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1671 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1671
Description  60ns, Low Power, Single Supply, Ground-Sensing Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1671 Datasheet(HTML) 2 Page - Linear Technology

  LT1671 Datasheet HTML 1Page - Linear Technology LT1671 Datasheet HTML 2Page - Linear Technology LT1671 Datasheet HTML 3Page - Linear Technology LT1671 Datasheet HTML 4Page - Linear Technology LT1671 Datasheet HTML 5Page - Linear Technology LT1671 Datasheet HTML 6Page - Linear Technology LT1671 Datasheet HTML 7Page - Linear Technology LT1671 Datasheet HTML 8Page - Linear Technology LT1671 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1671
ABSOLUTE MAXIMUM RATINGS (Note 1)
Total Supply Voltage (V+ to V–) ............................... 12V
Positive Supply Voltage ............................................. 7V
Negative Supply Voltage .......................................... – 7V
Differential Input Voltage .......................................
±12V
Input and Latch Current (Note 2) ........................
±10mA
Output Current (Continuous)(Note 2) .................
±20mA
Operating Temperature Range ................ – 40
°C to 85°C
Specified Temperature Range (Note 3) ... – 40
°C to 85°C
Junction Temperature ........................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LT1671CMS8
LTCT
1
2
3
4
V+
8
7
6
5
Q OUT
Q OUT
GND
LATCH
ENABLE
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
+IN
–IN
V
–
TJMAX = 150°C, θJA = 250°C/ W
Consult factory for Military grade parts.
MS8 PART MARKING
TJMAX = 150°C, θJA = 190°C/ W
S8 PART MARKING
LT1671CS8
LT1671IS8
ORDER PART
NUMBER
1671
1671I
TOP VIEW
Q OUT
Q OUT
GND
V+
+IN
–IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
LATCH
ENABLE
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
RS ≤ 100Ω (Note 4)
0.8
2.5
mV
q
4.0
mV
∆VOS
Input Offset Voltage Drift
q
4
µV/°C
∆T
IOS
Input Offset Current
10
100
nA
q
150
nA
IB
Input Bias Current
(Note 5)
120
280
nA
q
350
nA
VCMR
Input Voltage Range (Note 6)
q
– 5
3.5
V
Single 5V Supply
q
0
3.5
V
CMRR
Common Mode Rejection Ratio
– 5V
≤ VCM ≤ 3.5V, TA > 0°C
55
100
dB
–5V
≤ VCM ≤ 3.3V, TA ≤ 0°C55
dB
Single 5V Supply
0V
≤ VCM ≤ 3.5V, TA > 0°C
55
100
dB
0V
≤ VCM ≤ 3.3V, TA ≤ 0°C55
dB
PSRR
Power Supply Rejection Ratio
4.6V
≤ V+ ≤ 5.4V
q
50
85
dB
–7V
≤ V– ≤ –2V
q
60
90
dB
AV
Small Signal Voltage Gain
1V
≤ VOUT ≤ 2V
2500
5000
V/V
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
V+ = 5V, V– = – 5V, VOUT(Q) = 1.4V, VLATCH = VCM = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com