Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1671CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1671CS8
Description  60ns, Low Power, Single Supply, Ground-Sensing Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1671CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1671CS8 Datasheet HTML 3Page - Linear Technology LT1671CS8 Datasheet HTML 4Page - Linear Technology LT1671CS8 Datasheet HTML 5Page - Linear Technology LT1671CS8 Datasheet HTML 6Page - Linear Technology LT1671CS8 Datasheet HTML 7Page - Linear Technology LT1671CS8 Datasheet HTML 8Page - Linear Technology LT1671CS8 Datasheet HTML 9Page - Linear Technology LT1671CS8 Datasheet HTML 10Page - Linear Technology LT1671CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1671
APPLICATIONS INFORMATION
Common Mode Considerations
The LT1671 is specified for a common mode range of – 5V
to 3.5V on a
±5V supply or a common mode range of 0V
to 3.5V on a single 5V supply. A more general consider-
ation is that the common mode range is 0V below the
negative supply and 1.5V below the positive supply, inde-
pendent of the actual supply voltage. The criterion for
common mode limit is that the output still responds
correctly to a small differential input signal.
When either input signal falls below the negative common
mode limit, the internal PN diode formed with the sub-
strate can turn on, resulting in significant current flow
through the die. An external Schottky clamp diode
between the input and the negative rail can speed up
recovery from negative overdrive by preventing the sub-
strate diode from turning on.
The zero crossing detector in Figure 1 demonstrates the
use of a fast clamp diode. The zero crossing detector
terminates the transmission line at its 50
Ω characteristic
impedance. Negative inputs should not fall below –2V to
keep the signal current within the clamp diode’s maximum
forward rating. Positive inputs should not exceed the
devices absolute maximum ratings nor the power rating
on the terminating resistor.
5V
1671 F01
–
+
LT1671
Q
Q
CABLE
RT
50
Ω
VIN
RS
50
Ω
1N5712
Figure 1. Fast Zero Crossing Detector
Either input may go above the positive common mode
limit without damaging the comparator. The upper voltage
limit is determined by an internal diode from each input to
the positive supply. The input may go above the positive
supply as long as it does not go far enough above it to
conduct more than 10mA. Functionality will continue if the
remaining input stays within the allowed common mode
range. There will, however, be an increase in propagation
delay as the input signal switches back into the common
mode range.
Input Bias Current
Input bias current is measured with the output held at
1.4V. As with any PNP differential input stage, the LT1671
bias current flows out of the device. It will go to zero on an
input which is high and double on an input which is low.
LATCH Pin Dynamics
The LATCH pin is intended to retain input data (output
latched) when the LATCH pin goes high. The pin will float
to a high state when disconnected, so a flow-through
condition requires that the LATCH pin be grounded. The
LATCH pin is designed to be driven with either a TTL or
CMOS output. It has no built-in hysteresis.
To guarantee data retention, the input signal must remain
valid at least 35ns after the latch goes high (hold time), and
must be valid at least – 15ns before the latch goes high
(setup time). The negative setup time simply means that
the data arriving 15ns after (rather than before) the latch
signal is valid. When the latch signal goes low, new data
will appear at the output in approximately 60ns (latch
propagation delay).
Measuring Response Time
To properly measure the response of the LT1671 requires
an input signal source with very fast rise times and
exceptionally clean settling characteristics. The last
requirement comes about because the standard compara-
tor test calls for an input step size that is large compared
to the overdrive amplitude. Typical test conditions are
100mV step size with 5mV overdrive. This requires an
input signal that settles to within 1% (1mV) of final value
in only a few nanoseconds with no ringing or settling tail.
Ordinary high speed pulse generators are not capable of
generating such a signal, and in any case, no ordinary
oscilloscope is capable of displaying the waveform to
check its fidelity. Some means must be used to inherently
generate a fast, clean edge with known final value. The
circuit shown in Figure 2 is the best electronic means of
generating a fast, clean step to test comparators. It uses
a very fast transistor in a common base configuration. The
transistor is switched off with a fast edge from the genera-
tor and the collector voltage settles to exactly 0V in just a
few nanoseconds. The most important feature of this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com