Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS110 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS110
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS110 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS110 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS110 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS110 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS110 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
SS16
SS16
SS16
(TA=25℃ unless otherwise noted)
Document Number: DS_D1309022
Version: M13
AEC-Q101 qualified
Green compound
R3
R3
R3
G
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
E3
7,500 / 13" Plastic reel
E2
EXAMPLE
N/A
SMA
SMA
Folded SMA
Folded SMA
Clip SMA
Clip SMA
H
R3
R2
M2
F3
F2
F4
AEC-Q101
QUALIFIED
SS12 thru SS115
Taiwan Semiconductor
7,500 / 13" Plastic reel
GREEN COMPOUND
CODE
PACKING
1,800 / 7" Plastic reel
Suffix "G"
Folded SMA
PACKAGE
PACKING CODE
AEC-Q101
QUALIFIED
Note 1: "xx" defines voltage from 20V (SS12) to 150V (SS115)
ORDERING INFORMATION
1,800 / 7" Plastic reel
7,500 / 13" Paper reel
SS1xx
(Note 1)
1,800 / 7" Plastic reel
Prefix "H"
SMA
PREFERRED P/N
SS16 R3
SS16 R3G
SS16HR3
7,500 / 13" Paper reel
7,500 / 13" Plastic reel
RATINGS AND CHARACTERISTICS CURVES
0
0.2
0.4
0.6
0.8
1
1.2
50
60
70
80
90 100 110 120 130 140 150 160 170
LEAD TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CUURVE
SS12-SS14
SS15-SS115
RESISTIVE OR
INDUCTIVE LOAD
0
10
20
30
40
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine-Wave
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=75℃
TJ=125℃
SS12-SS14
SS15-SS115
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
SS12-SS14
SS15-SS16
SS115
SS19-SS110



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com