Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1680C Datasheet(PDF) 5 Page - Linear Technology

Part # LT1680C
Description  High Power DC/DC Step-Up Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1680C Datasheet(HTML) 5 Page - Linear Technology

  LT1680C Datasheet HTML 1Page - Linear Technology LT1680C Datasheet HTML 2Page - Linear Technology LT1680C Datasheet HTML 3Page - Linear Technology LT1680C Datasheet HTML 4Page - Linear Technology LT1680C Datasheet HTML 5Page - Linear Technology LT1680C Datasheet HTML 6Page - Linear Technology LT1680C Datasheet HTML 7Page - Linear Technology LT1680C Datasheet HTML 8Page - Linear Technology LT1680C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1680
TYPICAL PERFORMANCE CHARACTERISTICS
Error Amplifier Source Current
vs Temperature
SS Output Current
vs Temperature
Average Current Limit Threshold
Sense Voltage vs Common Mode
Voltage
TEMPERATURE (
°C)
–50
350
325
300
275
250
225
200
25
75
1680 G10
–25
0
50
100
125
TEMPERATURE (
°C)
–50
9
8
7
6
25
75
1680 G11
–25
0
50
100
125
RUN/SHDN Rising Threshold
vs Temperature
TEMPERATURE (
°C)
–50
1.26
1.25
1.24
1.23
1.22
1.21
1.20
25
75
1680 G12
–25
0
50
100
125
RUN/SHDN Threshold Hysteresis
vs Temperature
TEMPERATURE (
°C)
–50
14
13
12
11
10
9
8
25
75
1680 G13
–25
0
50
100
125
VSENSE(CM) (V)
0
45
60
1680 G14
1
2
3
160
150
140
130
120
110
100
90
80
UPPER LIMIT
FULL OPERATING
TEMPERATURE RANGE
TYPICAL
LOWER LIMIT
UVLO Thresholds vs Temperature
TEMPERATURE (
°C)
–50
100
1680 G15
050
10.00
9.75
9.50
9.25
9.00
8.75
8.50
8.25
8.00
–25
25
75
125
RISING
FALLING
Sense Amplifier Input Bias
Current (Source) vs Temperature
RUN/SHDN Input Current
vs Pin Voltage
TEMPERATURE (
°C)
–50
100
1680 G16
050
1200
1100
1000
900
800
700
600
500
400
–25
25
75
125
VCMSENSE = 0V
Sense Amplifier Input Bias
Current (Sink) vs Temperature
TEMPERATURE (
°C)
–50
60
55
50
45
40
35
30
25
75
1680 G17
–25
0
50
100
125
VCMSENSE = 10V
RUN/SHDN PIN VOLTAGE (V)
0
2.0
1680 G18
0.5
1.0
1.5
(1.25)
800
700
600
500
400
300
200
100
0
TYPICAL
UPPER
LIMIT
FULL OPERATING
TEMPERATURE
RANGE
LOWER
LIMIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com