Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS14L Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS14L
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS14L Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS14L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS14L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS14L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS14L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
SS16L
SS16L
SS16L
(TA=25℃ unless otherwise noted)
Document Number: DS_D1308028
Version: N13
PACKAGE
RT
Sub SMA
7,500 / 13" Plastic reel (8mm tape)
RU
Suffix "G"
Sub SMA
RQ
R3
Sub SMA
RF
Sub SMA
1,800 / 7" Plastic reel (12mm tape)
PREFERRED P/N
R2
Sub SMA
M2
Sub SMA
Sub SMA
MQ
Sub SMA
RATINGS AND CHARACTERISTICS CURVES
SS16L RUG
SS16LHRU
H
RU
RV
Sub SMA
MT
Sub SMA
10,000 / 13" Plastic reel (8mm tape)
PACKING
7,500 / 13" Paper reel (8mm tape)
7,500 / 13" Paper reel (12mm tape)
SS1XL
(Note 1)
1,800 / 7" Plastic reel (8mm tape)
MH
3,000 / 7" Plastic reel (12mm tape)
10,000 / 13" Paper reel (8mm tape)
PACKING
CODE
GREEN COMPOUND
CODE
Prefix "H"
PACKING CODE
Taiwan Semiconductor
10,000 / 13" Plastic reel (12mm tape)
10,000 / 13" Paper reel (12mm tape)
7,500 / 13" Plastic reel (12mm tape)
RH
Sub SMA
3,000 / 7" Plastic reel (8mm tape)
DESCRIPTION
RU
SS12L thru SS115L
SS16L RU
RU
ORDERING INFORMATION
EXAMPLE
Note 1: "x" defines voltage from 20V (SS12L) to 150V (SS115L)
AEC-Q101
QUALIFIED
G
Sub SMA
AEC-Q101 qualified
GREEN COMPOUND
CODE
AEC-Q101
QUALIFIED
Green compound
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
LEAD TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
SS12L-SS14L
SS15L-SS115L
0
10
20
30
40
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXUMUM FORWARD SURGE CURRENT
8.3ms Single Half
Sine-Wave
0.1
1
10
100
1000
10000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=75℃
TJ=100℃
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
SS13L-SS14L
SS12L
SS15L-SS16L
SS115L
SS19L-SS110L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com