Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1720 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1720
Description  Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1720 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1720 Datasheet HTML 17Page - Linear Technology LT1720 Datasheet HTML 18Page - Linear Technology LT1720 Datasheet HTML 19Page - Linear Technology LT1720 Datasheet HTML 20Page - Linear Technology LT1720 Datasheet HTML 21Page - Linear Technology LT1720 Datasheet HTML 22Page - Linear Technology LT1720 Datasheet HTML 23Page - Linear Technology LT1720 Datasheet HTML 24Page - Linear Technology LT1720 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LT1720/LT1721
APPLICATIONS INFORMATION
and 100
µV/°C baseline uncertainty. Switching delay is
less than 15ns and the minimum sampling window width
for full power response is 30ns.
The input waveform is presented to the diode bridge
switch, the output of which feeds the LT1227 wideband
amplifier. The LT1720 comparators, triggered by the sample
command, generate phase-opposed outputs. These sig-
nals are level shifted by the transistors, providing comple-
mentary bipolar drive to switch the bridge. A skew
compensation trim ensures bridge-drive signal simulta-
neity within 1ns. The AC balance corrects for parasitic
capacitive bridge imbalances. A DC balance adjustment
trims bridge offset.
The trim sequence involves grounding the input via 50
Ω
and applying a 100kHz sample command. The DC balance
is adjusted for minimal bridge ON vs OFF variation at the
output. The skew compensation and AC balance adjust-
ments are then optimized for minimum AC disturbance in
the output. Finally, unground the input and the circuit is
ready for use.
Voltage-Controlled Clock Skew Generator
It is sometimes necessary to generate pairs of identical
clock signals that are phase skewed in time. Further, it is
desirable to be able to set the amount of time skew via a
tuning voltage. Figure 18’s circuit does this by utilizing
the LT1720 to digitize phase information from a varactor-
tuned time domain bridge. A 0V to 2V control signal
provides
≈±10ns of output skew. This circuit operates
from a 2.7V to 6V supply.
1720/21 F18
–
+
C2
1/2 LT1720
VCC
2.7V TO 6V
VCC
Q
Q
′
FIXED
OUTPUT
MV-209
VARACTOR
DIODE
2.5k
CLOCK
INPUT
2.5k
0.1
µF
2.2
µF
0.005
µF
“SKEWED”
“FIXED”
10ns
TRIM
36pF†
1.82M*
6.2M*
1.1M
100k
200pF
2k*
–
+
C1
1/2 LT1720
SKEWED
OUTPUT
INPUT
0V TO 2V
≈
±10ns
SKEW
2.5k*
14k
2k
12pF†
1M
1M
VCC
–
+
A1
LT1077
* 1% FILM RESISTOR
** SUMIDA CD43-100
† POLYSTYRENE, 5%
= 1N4148
= 74HC04
LT1317
VIN
SW
47
µF
L1**
VC
GND
FB
+
Figure 18. Voltage-Controlled Clock Skew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com