Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1767 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1767
Description  Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1767 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1767 Datasheet HTML 8Page - Linear Technology LT1767 Datasheet HTML 9Page - Linear Technology LT1767 Datasheet HTML 10Page - Linear Technology LT1767 Datasheet HTML 11Page - Linear Technology LT1767 Datasheet HTML 12Page - Linear Technology LT1767 Datasheet HTML 13Page - Linear Technology LT1767 Datasheet HTML 14Page - Linear Technology LT1767 Datasheet HTML 15Page - Linear Technology LT1767 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1767/LT1767-1.8/
LT1767-2.5/LT1767-3.3/LT1767-5
sn1767 1767fas
APPLICATIONS INFORMATION
Notice that the catch diode’s forward voltage contributes
a significant loss in the overall system efficiency. A larger,
lower VF diode can improve efficiency by several percent.
PINDUCTOR = (ILOAD) (LDCR)
LDCR = Inductor DC resistance (assume 0.1Ω)
PINDUCTOR = (1) (0.1) = 0.1W
Typical thermal resistance of the board is 35
°C/W. At an
ambient temperature of 65
°C,
Tj = 65 + 40 (0.4) + 35 (0.39) = 95°C
If a true die temperature is required, a measurement of the
SYNC to GND pin resistance can be used. The SYNC pin
resistance across temperature must first be calibrated,
with no device power, in an oven. The same measurement
can then be used in operation to indicate the die tempera-
ture.
FREQUENCY COMPENSATION
Before starting on the theoretical analysis of frequency
response, the following should be remembered – the
worse the board layout, the more difficult the circuit will be
to stabilize. This is true of almost all high frequency analog
circuits, read the ‘LAYOUT CONSIDERATIONS’ section
first. Common layout errors that appear as stability prob-
lems are distant placement of input decoupling capacitor
and/or catch diode, and connecting the VC compensation
to a ground track carrying significant switch current. In
addition, the theoretical analysis considers only first order
non-ideal component behavior. For these reasons, it is
important that a final stability check is made with produc-
tion layout and components.
The LT1767 uses current mode control. This alleviates
many of the phase shift problems associated with the
inductor. The basic regulator loop is shown in Figure 7,
with both tantalum and ceramic capacitor equivalent cir-
cuits. The LT1767 can be considered as two gm blocks, the
error amplifier and the power stage.
Figure 8 shows the overall loop response with a 330pF VC
capacitor and a typical 100
µF tantalum output capacitor.
The response is set by the following terms:
Error amplifier:
DC gain set by gm and RL = 850µ • 500k = 425.
Pole set by CF and RL = (2π • 500k • 330p)–1 = 965Hz.
Unity-gain set by CF and gm = (2π • 330p • 850µ–1)–1 =
410kHz.
Power stage:
DC gain set by gm and RL (assume 10Ω) = 2.5 • 10 = 25.
Pole set by COUT and RL = (2π • 100µ • 10)–1 = 159Hz.
Unity-gain set by COUT and gm = (2π • 100µ • 2.5–1)–1 =
3.98kHz.
Tantalum output capacitor:
Zero set by COUT and CESR = (2π • 100µ• 0.1)–1 = 15.9kHz.
Figure 8. Overall Loop Response
Figure 7. Model for Loop Response
1.2V
VSW
VC
LT1767
GND
1767 F07
R1
OUTPUT
ESR
CF
CC
RC
500k
ERROR
AMPLIFIER
FB
R2
C1
CURRENT MODE
POWER STAGE
gm = 2.5mho
gm =
850
µmho
+
ESL
CERAMIC
TANTALUM
C1
FREQUENCY (Hz)
80
60
40
20
0
–20
–40
180
150
120
90
60
30
0
1767 F10
GAIN
PHASE
VOUT = 5V
COUT = 100µF, 0.1Ω
CC = 330pF
RC/CF = N/C
ILOAD = 500mA
10
1k
10k
1M
100
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com