Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS22
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS22 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS22 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS22 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS22 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS22 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
SS26
SS26
SS26
(TA=25℃ unless otherwise noted)
Document Number: D1307005
Version: H13
SS22 thru SS215
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
SS2xx
(Note 1)
Prefix "H"
R5
Suffix "G"
SMB
850 / 7" Plastic reel
R4
SMB
3,000 / 13" Paper reel
M4
SMB
3,000 / 13" Plastic reel
Note 1: "xx" defines voltage from 20V (SS22) to 150V (SS215)
EXAMPLE
AEC-Q101 qualified
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
SS26 R5
R5
RATINGS AND CHARACTERISTICS CURVES
SS26 R5G
R5
G
Green compound
SS26HR5
H
R5
0.0
0.5
1.0
1.5
2.0
2.5
50
60
70
80
90
100 110 120 130 140 150 160
LEAD TEMPERATURE .(oC)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
SS22-SS24
SS25-SS215
RESISTIVE OR
INDUCTIVE LOAD
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine
Wave JEDEC Method
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
FIG. 4- TYPICALREVERSE CHARACTERISTICS
TJ=25℃
TJ=75℃
TJ=125℃
SS22-SS24
SS25-SS215
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE. (V)
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
SS22-SS24
SS25-SS26
SS215
SS29-SS210
PULSE WIDTH=300μs
1% DUTY CYCLE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com