Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1769 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1769
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1769 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1769 Datasheet HTML 8Page - Linear Technology LT1769 Datasheet HTML 9Page - Linear Technology LT1769 Datasheet HTML 10Page - Linear Technology LT1769 Datasheet HTML 11Page - Linear Technology LT1769 Datasheet HTML 12Page - Linear Technology LT1769 Datasheet HTML 13Page - Linear Technology LT1769 Datasheet HTML 14Page - Linear Technology LT1769 Datasheet HTML 15Page - Linear Technology LT1769 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1769
APPLICATIONS INFORMATION
Figure 7. Lower VBOOST
For example, VX = 3.3V then:
Then PDRIVER =
()(
)( ) +


()
IV
V
V
V
BAT
BAT
X
X
IN
1
30
55
Total Power in the IC is: 0.35 + 0.43 + 0.5 = 1.3W
Temperature rise will be (1.3W)(35
°C/W) = 46°C. This
assumes that the LT1769 is properly heat sunk by con-
necting the eleven fused ground pins to expanded traces
and that the PC board has a backside or internal plane for
heat spreading.
The PDRIVER term can be reduced by connecting the boost
diode D2 (see Figure 7) to a lower system voltage (lower
than VBAT) instead of VBAT.
SW
BOOST
SPIN
1769 F07
LT1769
VX
IVX
C2
D2
10
µF
L1
+
P
AV
V
V
V
W
DRIVER =
()( )( ) +


()
=
2
126
33
1
33
30
55 19
009
..
.
.
The average IVX required is:
P
V
W
V
mA
DRIVER
X
==
009
33
28
.
.
The previous example shows the dramatic drop in driver
power dissipation when the boost diode (D2) is connected
to an external 3.3V source instead of the 12.6V battery.
PDRIVER drops from 0.43W to 0.09W resulting in an
approximately 12
°C drop in junction temperature.
Fused-lead packages conduct most of their heat out the
leads. This makes it very important to provide as much PC
board copper around the leads as is practical. Total
thermal resistance of the package-board combination is
dominated by the characteristics of the board in the
immediate area of the package. This means both lateral
thermal resistance across the board and vertical thermal
resistance through the board to other copper layers. Each
layer acts as a thermal heat spreader that increases the
heat sinking effectiveness of extended areas of the board.
Total board area becomes an important factor when the
area of the board drops below about 20 square inches. The
graph in Figure 8 shows thermal resistance vs board area
for 2-layer and 4-layer boards with continuous copper
planes. Note that 4-layer boards have significantly lower
thermal resistance, but both types show a rapid increase
for reduced board areas. Figure 9 shows actual measured
lead temperatures for chargers operating at full current.
P
3.5mA V
1.5mA V
V
V
7.5mA
0.012 I
P
IV
55 V
P
IR
V
V
tV
I
f
BIAS
IN
BAT
BAT
2
IN
BAT
DRIVER
BAT
BAT
2
IN
SW
BAT
2
SW
BAT
IN
OL
IN
BAT
=
()( )+
()
+ ()
+
()( )
[]
=
()(
) +


()
= () (
)(
)
+
()( )( )( )
1
30
VBAT
P
3.5mA 19
1.5mA 12.6
12.6
19
7.5mA
0.012 2000mA
0.35W
P
2 12.6
55 19
0.43W
P
2
0.16 12.6
19
10
19 2 200kHz
0.42 0.08
0.5W
BIAS
2
DRIVER
2
SW
2
9
=
()( )+
()
+ ()
+
()(
)
[]=
=
()( ) +


()
=
= () (
)( )
+
()( )(
)
=+
=
−
1
12 6
30
.
RSW = Switch ON resistance ≈ 0.16Ω
tOL = Effective switch overlap time ≈ 10ns
f = 200kHz
Example: VIN = 19V, VBAT = 12.6V, IBAT = 2A:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com