Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1776 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1776
Description  Wide Input Range, High Efficiency, Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1776 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1776 Datasheet HTML 9Page - Linear Technology LT1776 Datasheet HTML 10Page - Linear Technology LT1776 Datasheet HTML 11Page - Linear Technology LT1776 Datasheet HTML 12Page - Linear Technology LT1776 Datasheet HTML 13Page - Linear Technology LT1776 Datasheet HTML 14Page - Linear Technology LT1776 Datasheet HTML 15Page - Linear Technology LT1776 Datasheet HTML 16Page - Linear Technology LT1776 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1776
APPLICATIONS INFORMATION
The high speed switching current path is shown schemati-
cally in Figure 3. Minimum lead length in these paths is
essential to ensure clean switching and minimal EMI. The
paths containing the input capacitor, output switch and
output diode are the only ones containing nanosecond rise
and fall times. Keep these paths as short as possible.
As an example, assume that the capacitance between the
VSW node and a high impedance pin node is 0.1pF, and
further assume that the high impedance node in question
exhibits a capacitance of 1pF to ground. Due to the high
dV/dt, large excursion behavior of the VSW node, this will
couple a nearly 4V transient to the high impedance pin,
causing abnormal operation. (This assumes the “typical”
40VIN to 5VOUT application.) An explicit 100pF capacitor
added to the node will reduce the amplitude of the distur-
bance to more like 50mV (although settling time will
increase).
Specific pin recommendations are as follows:
SHDN: If unused, add a 100pF capacitor to ground.
SYNC: Ground if unused.
VC: Add a capacitor directly to ground in addition to the
explicit compensation network. A value of one-tenth of
the main compensation capacitor is recommended, up
to a maximum of 100pF.
FB: Assuming the VC pin is handled properly, this pin
usually requires no explicit capacitor of its own, but
keep this node physically small to minimize stray
capacitance.
+
+
LT1776
VSW
C1
D1
VIN
VOUT
VIN
C2
1776 F03
Figure 3. High Speed Current Switching Paths
Additionally, it is possible for the LT1776 to cause EMI
problems by “coupling to itself”. Specifically, this can
occur if the VSW pin is allowed to capacitively couple in an
uncontrolled manner to the part’s high impedance nodes,
i.e., SHDN, SYNC, VC and FB. This can cause erratic
operation such as odd/even cycle behavior, pulse width
“nervousness”, improper output voltage and/or prema-
ture current limit action.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com