Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1721IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LT1721IGN
Description  Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1721IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1721IGN Datasheet HTML 16Page - Linear Technology LT1721IGN Datasheet HTML 17Page - Linear Technology LT1721IGN Datasheet HTML 18Page - Linear Technology LT1721IGN Datasheet HTML 19Page - Linear Technology LT1721IGN Datasheet HTML 20Page - Linear Technology LT1721IGN Datasheet HTML 21Page - Linear Technology LT1721IGN Datasheet HTML 22Page - Linear Technology LT1721IGN Datasheet HTML 23Page - Linear Technology LT1721IGN Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
LT1720/LT1721
APPLICATIONS INFORMATION
VCC
–
+
U1A
1/4 LT1721
–
+
U1B
1/4 LT1721
–
+
U1D
1/4 LT1721
–
+
U1C
1/4 LT1721
681
Ω
681
Ω
1.37k
VCC
909
Ω
215
Ω
VCC
INPUT
OUTPUTS
VREF
100pF
453
Ω
1k
750
Ω
VCC
10ns
10ns
10ns
1720/21 F16
10ns
4.22k
Figure 16. 10ns Triple Overlap Generator
–
+
5V
2.2k
2.2k
INPUT
±100mV FULL SCALE
1k
LT1227
909
Ω
100
Ω
OUTPUT
±1V FULL SCALE
5V
AC BALANCE
3pF
3.6k
1.5k
0.1
µF
CIN
CIN
2k
2k
10pF
SKEW
COMP
2.5k
1.1k
1.1k
1.1k
1.1k
820
Ω
820
Ω
MRF501
MRF501
LM3045
11
9
6
8
DC BALANCE
500
Ω
51
Ω
51
Ω
10
7
680
Ω
–5V
1720/21 F17
13
= 1N5711
= CA3039 DIODE ARRAY
(SUBSTRATE TO – 5V)
–
+
1/2 LT1720
–
+
1/2 LT1720
SAMPLE
COMMAND
Figure 17. Fast Waveform Sampler Using the LT1720 for Timing-Skew Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com