Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1769IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LT1769IGN
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1769IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1769IGN Datasheet HTML 7Page - Linear Technology LT1769IGN Datasheet HTML 8Page - Linear Technology LT1769IGN Datasheet HTML 9Page - Linear Technology LT1769IGN Datasheet HTML 10Page - Linear Technology LT1769IGN Datasheet HTML 11Page - Linear Technology LT1769IGN Datasheet HTML 12Page - Linear Technology LT1769IGN Datasheet HTML 13Page - Linear Technology LT1769IGN Datasheet HTML 14Page - Linear Technology LT1769IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1769
APPLICATIONS INFORMATION
When power is on, there is about 200
µA of current flowing
out of the BAT and SENSE pins. If the battery is removed
during charging, and total load including R3 and R4 is less
than 200
µA, VBAT could float up to VCC even though the
loop has turned switching off. To keep VBAT regulated to
the battery voltage in this condition, R3 and R4 can be
chosen to draw 0.5mA and Q3 can be added to disconnect
them when power is off (Figure 4). R5 isolates the OVP pin
from any high frequency noise on VIN. An alternative method
is to use a Zener diode with a breakdown voltage two or three
volts higher than battery voltage to clamp the VBAT voltage.
Lithium-Ion Charging
The 2A Lithium-Ion Battery Charger (Figure 1) charges at
a constant 2A until battery voltage reaches a limit set by R3
and R4. The charger will then automatically go into a
constant-voltage mode with current decreasing to near
zero over time as the battery reaches full charge. This is the
normal regimen for lithium-ion charging, with the charger
holding the battery at “float” voltage indefinitely. In this
case no external sensing of full charge is needed.
Battery Voltage Sense Resistors Selection
To minimize battery drain when the charger is off, current
through the R3/R4 divider is set at 15
µA. The input current
to the OVP pin is 3nA and the error can be neglected.
With divider current set at 15
µA, VBAT = 8.4V, R4 =
2.465/15
µA = 162k and,
R3
R4 V
2.465
2.465
162k 8.4 2.465
2.465
390k
BAT
= ()
−
()
=
−
()
=
Li-Ion batteries typically require float voltage accuracy of
1% to 2%. Accuracy of the LT1769 OVP voltage is
±0.5%
at 25
°C and ±1% over full temperature. This leads to the
possibility that very accurate (0.1%) resistors might be
needed for R3 and R4. Actually, the temperature of the
LT1769 will rarely exceed 50
°C in float mode because
charging currents have tapered off to a low level, so 0.25%
resistors will normally provide the required level of overall
accuracy.
Figure 4. Disconnecting Voltage Divider
PWM
RPROG
4.7k
300
Ω
PROG
CPROG
1
µF
Q1
VN2222
5V
0V
LT1769
1769 F03
IBAT = (DC)(2A)
Figure 3. PWM Current Programming
R3
12k
0.25%
R4
4.99k
0.25%
OVP
VIN
+
8.4V
VBAT
Q3
VN2222
LT1769
1769 F04
R5
220k
Some battery manufacturers recommend terminating the
constant-voltage float mode after charge current has
dropped below a specified level (typically around 10% of
the full current)
and a further time out period of 30 to 90
minutes has elapsed. This may extend battery life, so
check with the manufacturer for details. The circuit in
Figure 5 will detect when charge current has dropped
below 270mA. This logic signal is used to initiate a timeout
period, after which the LT1769 can be shut down by
pulling the VC pin low with an open collector or drain.
Some external means must be used to detect the need for
additional charging or the charger may be turned on
periodically to complete a short float-voltage cycle.
Current trip level is determined by the battery voltage, R1
through R3 and the sense resistor (RS1). D2 generates
hysteresis in the trip level to avoid multiple comparator
transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com