Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1777 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1777
Description  Low Noise Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1777 Datasheet HTML 9Page - Linear Technology LT1777 Datasheet HTML 10Page - Linear Technology LT1777 Datasheet HTML 11Page - Linear Technology LT1777 Datasheet HTML 12Page - Linear Technology LT1777 Datasheet HTML 13Page - Linear Technology LT1777 Datasheet HTML 14Page - Linear Technology LT1777 Datasheet HTML 15Page - Linear Technology LT1777 Datasheet HTML 16Page - Linear Technology LT1777 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LT1777
APPLICATIONS INFORMATION
through the main inductor has most of its energy concen-
trated in the fundamental and lower harmonics.) Toroidal
style inductors, many available in surface mount configu-
ration, offer a reduced external magnetic field, generally at
an increase in cost and physical size. Although custom
design is always a possibility, most potential LT1777 ap-
plications can be handled by the array of standard, off-the-
shelf inductor products offered by the major suppliers.
Selecting Bypass Capacitors
The basic topology as shown in the Typical Application on
the first page uses two bypass capacitors, one for the VIN
input supply and one for the VOUT output supply.
User selection of an appropriate output capacitor is rela-
tively easy, as this capacitor sees only the AC ripple current
in the inductor L1. As the LT1777 is designed for buck or
step-down applications, output voltage will nearly always
be compatible with tantalum type capacitors, which are
generally available in ratings up to 35V or so. These
tantalum types offer good volumetric efficiency, and many
are available with specified ESR performance. The product
of inductor AC ripple current and output capacitor ESR will
manifest itself as peak-to-peak voltage ripple on the output
node. (Note: If this ripple becomes too large, heavier
control loop compensation, at least at the switching fre-
quency, may be required on the VC pin.)
The input bypass capacitor can present a more difficult
choice. In a typical application e.g., 24VIN to 5VOUT,
relatively heavy VIN current is drawn by the power switch
for only a small portion of the oscillator period (low ON
duty cycle). The resulting RMS ripple current, for which
the capacitor must be rated, can be several times the DC
average VIN current. The straightforward choice for a low
volume, surface mountable electrolytic capacitor with
good ESR/ripple current ratings is a tantalum type. How-
ever, worst-case (high) input voltage coupled with stan-
dard capacitor voltage derating may exceed the 35V or so
for which tantalum capacitors are generally available.
Relatively bulky “high frequency” aluminum electrolytic
types, specifically constructed and rated for switching
supply applications, may then be the only choice.
Additionally, it may be advantageous to parallel the input
and output capacitors with 0.1
µF ceramic bypass capaci-
500ns/DIV
1777 F06
GND
Figure 6. LT1676 VSW Node Voltage Behavior
for Comparison Purposes Only, VIN = 36V
Selecting Main Inductor
There are several parameters to consider when selecting
a main inductor. These include inductance value, peak
current rating (to avoid core saturation), DC resistance,
construction type, physical size, and of course, cost.
Once the inductance value is decided, inductor peak
current rating and resistance need to be considered. Here,
the inductor peak current rating refers to the onset of
saturation in the core material, although manufacturers
sometimes specify a “peak current rating” which is de-
rived from a worst-case combination of core saturation
and self-heating effects. Inductor winding resistance alone
limits the inductor’s current carrying capability as the I2R
power threatens to overheat the inductor. Remember to
include the condition of output short circuit, if applicable.
Although the peak current rating of the inductor can be
exceeded in short-circuit operation, as core saturation per
se is not destructive to the core, excess resistive self-
heating is still a potential problem.
The final inductor selection is generally based on cost,
which usually translates into choosing the smallest physi-
cal size part which meets the desired inductance value,
resistance and current carrying capability. An additional
factor to consider is that of physical construction. Briefly
stated, “open” inductors built on a rod- or barrel-shaped
core generally offer the smallest physical size and lowest
cost. However their open construction does not contain
the resulting magnetic field, and they may not be accept-
able in RFI-sensitive applications. (A mitigating factor is
that, as mentioned previously, the AC current passing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com