Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS20P01G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS20P01G
Description  Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS20P01G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS20P01G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS20P01G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS20P01G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS20P01G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
TS20P07G
TS20P07G
(TA=25°C unless otherwise noted)
Document Number: DS_D1411004
Version: L14
RATINGS AND CHARACTERISTICS CURVES
PREFERRED
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
TS20P07G C2
15 / TUBE
C2
Note 1: "x" defines voltage from 50V (TS20P01G) to 1000V (TS20P07G)
TS20P0xG
(Note 1)
TS20P07G C2G
C2
G
C2
G
TS-6P
X0
TS-6P
D2
TS-6P
TS20P01G thru TS205P07G
Taiwan Semiconductor
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
ORDERING INFORMATION
PACKING
Forming
15 / TUBE (Auto)
EXAMPLE
DESCRIPTION
Green compound
0
5
10
15
20
25
0
20
40
60
80
100
120
140
160
CASE TEMPERATURE (oC)
FIG.1 MAXIMUM DERATING CURVE FOR OUTPUT
CURRENT
RESISTER OR
INDUCTIVE LOAD
WITH HEATSINK
0
50
100
150
200
250
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM FORWARD SURGE CURRENT
8.3ms Single Half Sin-wave
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE V)
FIG. 3 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com