Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1783 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1783
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1783 Datasheet(HTML) 2 Page - Linear Technology

  LT1783 Datasheet HTML 1Page - Linear Technology LT1783 Datasheet HTML 2Page - Linear Technology LT1783 Datasheet HTML 3Page - Linear Technology LT1783 Datasheet HTML 4Page - Linear Technology LT1783 Datasheet HTML 5Page - Linear Technology LT1783 Datasheet HTML 6Page - Linear Technology LT1783 Datasheet HTML 7Page - Linear Technology LT1783 Datasheet HTML 8Page - Linear Technology LT1783 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1783
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C
400
800
µV
0
°C ≤ TA ≤ 70°C
q
950
µV
Input Offset Voltage Drift (Note 7)
0
°C ≤ TA ≤ 70°C
q
25
µV/°C
IOS
Input Offset Current
q
48
nA
VCM = 18V (Note 3)
q
7
µA
IB
Input Bias Current
q
45
80
nA
VCM = 18V (Note 3)
q
35
60
µA
SHDN or VS = 0V, VCM = 0V to 18V
0.1
nA
Input Bias Current Drift
0
°C ≤ TA ≤ 70°C
q
0.06
nA/
°C
Input Noise Voltage
0.1Hz to 10Hz
0.6
µVP-P
en
Input Noise Voltage Density
f = 1kHz
20
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.14
pA/
√Hz
RIN
Input Resistance
Differential
0.65
1.3
M
Ω
Common Mode, VCM = 0V to (VCC – 1V)
1
G
Ω
Common Mode, VCM = 0V to 18V
0.3
0.5
M
Ω
CIN
Input Capacitance
5pF
Input Voltage Range
q
018
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to VCC – 1V
q
90
100
dB
(Note 3)
VCM = 0V to 18V (Note 6)
q
68
80
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 12.5V, VCM = VO = 1V
q
90
100
dB
AVOL
Large-Signal Voltage Gain
VS = 3V, VO = 500mV to 2.5V, RL = 10k
200
1500
V/mV
VS = 3V, 0°C ≤ TA ≤ 70°C
q
133
V/mV
VS = 5V, VO = 500mV to 4.5V, RL = 10k
400
1500
V/mV
VS = 5V, 0°C ≤ TA ≤ 70°C
q
250
V/mV
LT1783CS5
TJMAX = 150°C, θJA = 250°C/ W
ORDER PART
NUMBER
Total Supply Voltage (V+ to V–) .............................. 18V
Input Differential Voltage ........................................ 18V
Input Pin Voltage to V – ............................... + 24V/– 10V
Shutdown Pin Voltage Above V– ............................ 18V
Shutdown Pin Current .......................................
±10mA
Output Short-Circuit Duration (Note 2) ........... Indefinite
(Note 1)
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
Consult factory for Industrial and Military grade parts.
The q denotes specifications which apply over the specified temperature range, otherwise specifications are TA = 25°C.
VS = 3V, 0V; VS = 5V, 0V, VCM = VOUT = half supply, for the 6-lead part VPIN5 = 0V, pulse power tested unless otherwise specified.
Operating Temperature Range (Note 10) – 40
°C to 85°C
Specified Temperature Range ...................... 0
°C to 70°C
Junction Temperature ........................................... 150
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 230°C/ W
S5 PART MARKING
S6 PART MARKING
4
5
3
1
OUT
V–
+IN
V
+
–IN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
2
+ –
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
OUT
V–
+IN
V
+
SHDN
–IN
+ –
LTLF
LT1783CS6
LTIU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com