Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1785 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1785
Description  60V Fault Protected RS485/RS422 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1785 Datasheet(HTML) 2 Page - Linear Technology

  LT1785 Datasheet HTML 1Page - Linear Technology LT1785 Datasheet HTML 2Page - Linear Technology LT1785 Datasheet HTML 3Page - Linear Technology LT1785 Datasheet HTML 4Page - Linear Technology LT1785 Datasheet HTML 5Page - Linear Technology LT1785 Datasheet HTML 6Page - Linear Technology LT1785 Datasheet HTML 7Page - Linear Technology LT1785 Datasheet HTML 8Page - Linear Technology LT1785 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1785/LT1785A
LT1791/LT1791A
A
G
A
U
A
R
BSOLUTEXI
TI
S (Note 1)
Operating Temperature Range
LT1785C/LT1791C/
LT1785AC/LT1791AC ............................. 0
°C to 70°C
LT1785I/LT1791I ............................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
Supply Voltage (VCC) .............................................. 18V
Receiver Enable Input Voltage .................... – 0.3V to 6V
Driver Enable Input Voltage ........................ – 0.3V to 6V
Driver Input Voltage .................................. – 0.3V to 18V
Receiver Input Voltage ............................... – 60V to 60V
Driver Output Voltage ............................... – 60V to 60V
Receiver Output Voltage ................ – 0.3V to (VCC + 6V)
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LT1791CN
LT1791CS
LT1791IN
LT1791IS
LT1791ACN
LT1791ACS
ORDER PART
NUMBER
LT1785CN8
LT1785CS8
LT1785IN8
LT1785IS8
LT1785ACN8
LT1785ACS8
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 150°C/ W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
VCC
B
A
GND
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
R
D
RO
RE
DE
DI
TOP VIEW
N PACKAGE
14-LEAD PDIP
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
R
D
TJMAX = 150°C, θJA = 130°C/ W (N)
TJMAX = 150°C, θJA = 150°C/ W (S)
S8 PART MARKING
1785
1785I
1785A
Consult factory for Military grade parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com