Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD754264 Datasheet(PDF) 49 Page - NEC

Part # UPD754264
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754264 Datasheet(HTML) 49 Page - NEC

Back Button UPD754264 Datasheet HTML 45Page - NEC UPD754264 Datasheet HTML 46Page - NEC UPD754264 Datasheet HTML 47Page - NEC UPD754264 Datasheet HTML 48Page - NEC UPD754264 Datasheet HTML 49Page - NEC UPD754264 Datasheet HTML 50Page - NEC UPD754264 Datasheet HTML 51Page - NEC UPD754264 Datasheet HTML 52Page - NEC UPD754264 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
49
µPD754264
DC Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 6.0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power supply
IDD1
4.19-MHz
VDD = 5.0 V
±10%Note 2
1.5
5.0
mA
currentNote 1
crystal
VDD = 3.0 V
±10%Note 3
0.23
1.0
mA
IDD2
oscillation
HALT
VDD = 5.0 V
±10%
0.64
3.0
mA
C1 = C2 = 22 pF
mode
VDD = 3.0 V
±10%
0.20
0.9
mA
IDD3
X1 = 0 V
VDD = 1.8 to 6.0 V
5
µA
STOP mode
TA = 25
°C1
µA
VDD = 3.0 V
± 10%
0.1
3
µA
TA = –40 to +40
°C
0.1
1
µA
Notes 1. The current flowing through the on-chip pull-up resistor, the current during EEPROM writing time, and the
current during the A/D converter operation are not included.
2. When the device is operated in the high-speed mode by setting the processor clock control register (PCC)
to 0011H
3. When the device is operated in the low-speed mode by setting PCC to 0000H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com