Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1786F Datasheet(PDF) 13 Page - Linear Technology

Part # LT1786F
Description  SMBus Programmable CCFL Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1786F Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1786F Datasheet HTML 9Page - Linear Technology LT1786F Datasheet HTML 10Page - Linear Technology LT1786F Datasheet HTML 11Page - Linear Technology LT1786F Datasheet HTML 12Page - Linear Technology LT1786F Datasheet HTML 13Page - Linear Technology LT1786F Datasheet HTML 14Page - Linear Technology LT1786F Datasheet HTML 15Page - Linear Technology LT1786F Datasheet HTML 16Page - Linear Technology LT1786F Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1786F
APPLICATIONS INFORMATION
value (see Block Diagram). A STOP condition is optional.
The command code and data byte are defined with the
following format:
Command Code
7
6 5
4 3 2 1
0
76
54
32
10
SHDN X X X X X X X
D5 D4 D3 D2 D1 D0 X
X
SHDN: 0 for normal operation, 1 for shutdown
D5 to D0: DAC Data Byte Bits, D5 is the Most Significant Bit
START and STOP Conditions
At the beginning of any SMBus communication, the mas-
ter must transmit a START condition by switching SDA
from high to low while SCL is high. When a master has
finished communicating with a slave device, a STOP
condition is issued by switching SDA from low to high
while SCL is high. The SMBus is then free for communi-
cation with another SMBus device.
Early STOP Conditions
The LT1786F recongnizes a STOP condition at any point in
the SMBus communication sequence. If the STOP occurs
prematurely before the data byte is acknowledged in the
Write Byte protocol, the DAC output current value is not
updated; otherwise internal register C is updated with the
new data and the DAC output current changes
correspondingly.
The Slave Address
The LT1786F responds to one of two 7-bit addresses. The
first five bits have been factory programmed to 01011. The
last two address bits are programmed by the user by tying
the ADR pin to VCC or GND (see functional table)
ADR
SMBus ADDRESS
DAC POWER-UP VALUE
GND
0101101
Zero Scale
VCC
0101100
Midscale
Data Byte
6-Bit Current Output DAC
The 6-bit current output DAC is guaranteed monotonic and
is digitally adjustable in 63 equal steps. On power-up, if
ADR connects to VCC, the 6-bit internal register C (see
Block Diagram) resets to 100000B and the DAC output is
set to midrange. On power-up, if ADR connects to ground,
register C resets to 000000B and the DAC output is set to
zero. For the LT1786F, the current source output (IOUT)
can be biased from – 10V to (VCC – 1.3V). Full-scale
current is trimmed to
±2% at room temperature and ±4%
over the commercial temperature range.
Shutdown
Three methods may be employed to shut down the LT1786F
(see Block Diagram).
The LT1786F enters SMBus suspend mode if a logic low
level is applied to the SMBSUS pin or a logic high level is
applied to Bit 7 in the Command Byte of the SMBus
communication sequence. In SMBus suspend mode, sup-
ply current typically drops to 40
µA and the last output
current setting is internally retained. The DAC resumes
this level upon its return to normal operation. Enabling an
SMBus suspend condition also turns on an open-drain
N-channel MOSFET which pulls the SHDN pin low. The
N-channel device sinks up to 1.6mA at the SHDN pin and
its logic low level is guaranteed to less than 0.4V.
The LT1786F enters regulator shutdown mode if a logic
low level is applied to the SHDN pin. In this mode, supply
current typically drops to 150
µA, the switching regulator
circuitry is shut down and the DAC is kept alive. The DAC
output current setting is maintained. This feature can be
used to program the DAC to a desired output current level
(other than the preset zero-scale or midscale level defined
by the selected SMBus address) before allowing the CCFL
regulator to turn on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com