Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4448RZ Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS4448RZ
Description  150mW High Speed SMD Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4448RZ Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS4448RZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4448RZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4448RZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4448RZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4448RZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CREAT BY ART
(TA=25℃ unless otherwise noted)
Document Number: DS_S1407008
Version: E14
TS4448 RZ
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
Small Signal Product
0.01
0.10
1.00
10.00
100.00
0
20
40
60
80
100
120
Reverse Voltage (V)
Fig. 2 Reverse Current VS. Reverse Voltage
T
A=25
oC
0.0
1.2
2.4
3.6
4.8
6.0
7.2
0
2
4
6
8
10
Reverse Voltage (V)
Fig. 4 Typical Junction Capacitance
0
100
200
0
25
50
75
100
125
150
175
Ambient Temperature (oC)
Fig. 3 Admissible Power Dissipation Curve
0.01
0.10
1.00
10.00
100.00
1,000.00
0.0
1.0
2.0
Instantaneous Forward Voltage (V)
Fig. 1 Typical Forward Characteristics
T
A=25
oC
1
10
100
1000
10000
0.01
0.10
1.00
10.00
100.00
Forward Current (mA)
Fig. 5 Forward Resistance VS. Forward Current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com