Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1781CS Datasheet(PDF) 5 Page - Linear Technology

Part # LT1781CS
Description  Low Power 5V RS232 Dual Driver/Receiver with 짹15kV ESD Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1781CS Datasheet(HTML) 5 Page - Linear Technology

  LT1781CS Datasheet HTML 1Page - Linear Technology LT1781CS Datasheet HTML 2Page - Linear Technology LT1781CS Datasheet HTML 3Page - Linear Technology LT1781CS Datasheet HTML 4Page - Linear Technology LT1781CS Datasheet HTML 5Page - Linear Technology LT1781CS Datasheet HTML 6Page - Linear Technology LT1781CS Datasheet HTML 7Page - Linear Technology LT1781CS Datasheet HTML 8Page - Linear Technology LT1781CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1780/LT1781
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Shutdown to Driver Outputs
Driver Output Waveforms
1780 • G13
1780 • G12
INPUT
DRIVER OUTPUT
RL = 3k
DRIVER OUTPUT
RL = 3k
CL = 2500pF
10V
5V
GND
DRIVER 1
OUTPUT
DRIVER 2
OUTPUT
ON/OFF PIN
GND
– 10V
–5V
Driver Leakage in Shutdown
Receiver Short-Circuit Current
Slew Rate vs Load Capacitance
TEMPERATURE (
°C)
0.1
10
100
1780 • G08
1
–55
0
50
75
–25
25
100
125
VOUT = –30V
VOUT = 30V
Driver Short-Circuit Current
TEMPERATURE (
°C)
–55
20
25
30
25
75
1780 • G09
15
10
–25
0
50
100
125
5
0
ISC+
ISC –
TEMPERATURE (
°C)
–55
0
20
50
0
50
75
1780 • G10
10
40
30
–25
25
100
125
RX ISC–
RX ISC+
LOAD CAPACITANCE (nF)
0
12
16
4.0
1780 • G11
8
4
0
1.0
2.0
3.0
5.0
10
14
6
2
3.5
0.5
1.5
2.5
4.5
+SLEW
–SLEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com