Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1785AC Datasheet(PDF) 6 Page - Linear Technology

Part # LT1785AC
Description  60V Fault Protected RS485/RS422 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1785AC Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1785AC Datasheet HTML 2Page - Linear Technology LT1785AC Datasheet HTML 3Page - Linear Technology LT1785AC Datasheet HTML 4Page - Linear Technology LT1785AC Datasheet HTML 5Page - Linear Technology LT1785AC Datasheet HTML 6Page - Linear Technology LT1785AC Datasheet HTML 7Page - Linear Technology LT1785AC Datasheet HTML 8Page - Linear Technology LT1785AC Datasheet HTML 9Page - Linear Technology LT1785AC Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1785/LT1785A
LT1791/LT1791A
TEST CIRCUITS
Figure 1. Driver DC Test Load
Figure 2. Receiver Timing Test Load
VOD
A
B
R
R
VOC
1785/91 F01
RECEIVER
OUTPUT
CRL
1k
S1
S2
TEST POINT
VCC
1k
1785/91 F02
state. If receiver enable RE and driver enable DE are both
in the disable state, the circuit goes to a low power
shutdown state. Placing either RE or DE into its active state
brings the circuit out of shutdown. Shutdown state is not
entered until a 3
µs delay after both RE and DE are disabled,
allowing for logic skews in toggling between transmit and
receive modes of operation. For CAN bus operation the DE
pin is used for signal input to place the data bus in
dominant or recessive states.
DI: Driver Input. TTL level logic input. A logic high at DI
causes driver output A or Y to a high state, and output B
or Z to a low state. Complementary output states occur for
DI low. For CAN bus applications DI should be tied low.
GND: Ground.
Y: Driver Output. The Y driver output is in phase with the
driver input DI. In the LT1785 driver output Y is internally
connected to receiver input A. The driver output assumes
a high impedance state when DE is low, power is off or
thermal shutdown is activated. The driver output is pro-
tected from shorts between
±60V in both active and high
impedance modes. For CAN applications, output Y is the
CANL output node.
Z: Driver Output. The Z driver output is opposite in phase
to the driver input DI. In the LT1785 driver output Z is
internally connected to receiver input B. The driver output
assumes a high impedance state when DE is low, power is
off or thermal shutdown is activated. The driver output is
PIN FUNCTIONS
protected from shorts between
±60V in both active and
high impedance modes. For CAN applications, output Z is
the CANH output node.
A: Receiver Input. The A receiver input forces a high
receiver output when V(A)
≥ [V(B) + 200mV]. V(A)≤ [V(B)
– 200mV] forces a receiver output low. Receiver inputs A
and B are protected against voltage faults between
±60V.
The high input impedance allows up to 128 LT1785 or
LT1791 transceivers on one RS485 data bus.
The LT1785A/LT1791A have guaranteed receiver input
thresholds –200mV < VTH < 0. Receiver outputs are
guaranteed to be in a high state for 0V inputs.
B: Receiver Input. The B receiver input forces a high
receiver output when V(A)
≥ [V(B) + 200mV]. When V(A)
≤ [V(B) – 200mV], the B receiver forces a receiver output
low. Receiver inputs A and B are protected against voltage
faults between
±60V. The high input impedance allows up
to 128 LT1785 or LT1791 transceivers on one RS485 data
bus.
The LT1785A/LT1791A have guaranteed receiver input
thresholds –200mV < VTH < 0. Receiver outputs are
guaranteed to be in a high state for 0V inputs.
VCC:PositiveSupplyInput.ForRS422orRS485 operation,
4.75V
≤ VCC ≤ 5.25V. Higher VCC input voltages increase
output drive swing. VCC should be decoupled with a 0.1µF
low ESR capacitor directly at Pin 8 (VCC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com