Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1809CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1809CS8
Description  180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809CS8 Datasheet(HTML) 7 Page - Linear Technology

  LT1809CS8 Datasheet HTML 1Page - Linear Technology LT1809CS8 Datasheet HTML 2Page - Linear Technology LT1809CS8 Datasheet HTML 3Page - Linear Technology LT1809CS8 Datasheet HTML 4Page - Linear Technology LT1809CS8 Datasheet HTML 5Page - Linear Technology LT1809CS8 Datasheet HTML 6Page - Linear Technology LT1809CS8 Datasheet HTML 7Page - Linear Technology LT1809CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LT1809
7
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 1.4V, the input current should be limited to less than
10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT1809C/LT1809I are guaranteed functional over the
operating temperature range of – 40oC and 85oC.
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the – 40
°C ≤ TA ≤ 85°C temperature range. VS = ±5V, VSHDN = open, VCM = 0V,
VOUT = 0V unless otherwise noted. (Note 3)
Note 5: The LT1809C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1809C is designed, characterized and expected to
meet specified performance from – 40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LT1809I is guaranteed to meet
specified performance from – 40
°C to 85°C.
Note 6: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 7: Output voltage swings are measured between the output and
power supply rails.
Note 8: This parameter is not 100% tested.
IOS
Input Offset Current
VCM = V + – 0.1V
q
0.08
2.5
µA
VCM = V
– + 0.2V
q
0.6
8
µA
∆IOS
Input Offset Current Shift
VCM = V – + 0.2V to V + – 0.1V
q
0.68
10.5
µA
AVOL
Large-Signal Voltage Gain
VO = – 4V to 4V, RL = 1k
q
25
80
V/mV
VO = – 2.5V to 2.5V, RL = 100Ω
q
310
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V
– to V +
q
72
86
dB
Input Common Mode Range
q
V –
V +
V
PSRR
Power Supply Rejection Ratio
V + = 2.5V to 10V, V – = 0V
q
71
83.5
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
q
10
45
mV
ISINK = 5mA
q
50
100
mV
ISINK = 25mA
q
200
400
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
q
70
140
mV
ISOURCE = 5mA
q
115
240
mV
ISOURCE = 25mA
q
360
650
mV
ISC
Short-Circuit Current
q
±40
±75
mA
IS
Supply Current
q
19
25
mA
Disable Supply Current
VSHDN = 0V
q
0.65
1.15
mA
GBW
Gain-Bandwidth Product
Frequency = 2MHz
q
90
160
MHz
SR
Slew Rate
AV = – 1, RL = 1k, VO = ±4V,
q
110
220
V/
µs
Measure at VO = ±2V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.016 – 0.050
(0.406 – 1.270)
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 1298
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
TYP
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com