Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1795CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LT1795CSW
Description  Dual 500mA/50MHz Current Feedback Line Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1795CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1795CSW Datasheet HTML 4Page - Linear Technology LT1795CSW Datasheet HTML 5Page - Linear Technology LT1795CSW Datasheet HTML 6Page - Linear Technology LT1795CSW Datasheet HTML 7Page - Linear Technology LT1795CSW Datasheet HTML 8Page - Linear Technology LT1795CSW Datasheet HTML 9Page - Linear Technology LT1795CSW Datasheet HTML 10Page - Linear Technology LT1795CSW Datasheet HTML 11Page - Linear Technology LT1795CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1795
Figure 9 shows the effect of the network on a 200pF load.
Without the optional compensation, there is a 6dB peak at
85MHz caused by the effect of the capacitance on the
output stage. Adding a 0.01
µF bypass capacitor between
the output and the COMP pins connects the compensation
APPLICATIONS INFORMATION
Figure 9.
FREQUENCY (MHz)
1
14
12
10
8
6
4
2
0
–2
–4
–6
10
100
1795 F09
VS = ±15V
CL = 200pF
RF = 3.4k
NO
COMPENSATION
RF = 1k
COMPENSATION
RF = 3.4k
COMPENSATION
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTIO
and greatly reduces the peaking. A lower value feedback
resistor can now be used, resulting in a response which is
flat to
±1dB to 45MHz. The network has the greatest effect
for CL in the range of 0pF to 1000pF.
Although the optional compensation works well with
capacitive loads, it simply reduces the bandwidth when it
is connected with resistive loads. For instance, with a 25
Ω
load, the bandwidth drops from 48MHz to 32MHz when
the compensation is connected. Hence, the compensation
was made optional. To disconnect the optional compensa-
tion, leave the COMP pin open.
DEMO BOARD
A demo board (DC261A) is available for evaluating the
performence of the LT1795. The board is configured as a
differential line driver/receiver suitable for xDSL applica-
tions. For details, consult your local sales representative.
S20 (WIDE) 0396
NOTE 1
0.496 – 0.512*
(12.598 – 13.005)
20
19
18
17
16
15
14
13
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
11
12
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
SW Package
20-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com