Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1812CS5 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1812CS5
Description  3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1812CS5 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1812CS5 Datasheet HTML 4Page - Linear Technology LT1812CS5 Datasheet HTML 5Page - Linear Technology LT1812CS5 Datasheet HTML 6Page - Linear Technology LT1812CS5 Datasheet HTML 7Page - Linear Technology LT1812CS5 Datasheet HTML 8Page - Linear Technology LT1812CS5 Datasheet HTML 9Page - Linear Technology LT1812CS5 Datasheet HTML 10Page - Linear Technology LT1812CS5 Datasheet HTML 11Page - Linear Technology LT1812CS5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1812
TYPICAL PERFOR A CE CHARACTERISTICS
2nd and 3rd Harmonic Distortion
vs Frequency
Differential Gain and Phase
vs Supply Voltage
Capacitive Load Handling
FREQUENCY (Hz)
–100
–70
–80
–90
–30
–40
–50
–60
1812 G28
100k
10M
1M
TA = 25°C
AV = 2
VS = ± 5V
VO = 2VP-P
2ND HARMONIC
3RD HARMONIC
RL = 100Ω
2ND HARMONIC
RL = 500Ω
3RD HARMONIC
TOTAL SUPPLY VOLTAGE (V)
4
0
0.25
TA = 25°C
0.10
8
10
1812 G29
0.15
0.20
0.05
0
0.25
0.10
0.15
0.20
0.05
6
12
DIFFERENTIAL GAIN
RL = 150Ω
DIFFERENTIAL PHASE
RL = 150Ω
DIFFERENTIAL PHASE
RL = 1k
DIFFERENTIAL GAIN
RL = 1k
CAPACITIVE LOAD (pF)
10
40
50
60
70
80
100
1000
10000
1812 G30
30
20
10
0
90
100
TA = 25°C
VS = ±5V
AV = 1
AV = –1
Small-Signal Transient,
AV = –1
Small-Signal Transient,
AV = 1
Small-Signal Transient,
AV = 1, CL = 1000pF
1812 G33
Large-Signal Transient,
AV = –1
Large-Signal Transient,
AV = 1
Large-Signal Transient,
AV = 1, CL = 1000pF
1812 G36
1812 G32
1812 G31
1812 G34
1812 G35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com