Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1920C Datasheet(PDF) 7 Page - Linear Technology

Part # LT1920C
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1920C Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1920C Datasheet HTML 3Page - Linear Technology LT1920C Datasheet HTML 4Page - Linear Technology LT1920C Datasheet HTML 5Page - Linear Technology LT1920C Datasheet HTML 6Page - Linear Technology LT1920C Datasheet HTML 7Page - Linear Technology LT1920C Datasheet HTML 8Page - Linear Technology LT1920C Datasheet HTML 9Page - Linear Technology LT1920C Datasheet HTML 10Page - Linear Technology LT1920C Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1920
TYPICAL PERFOR A CE CHARACTERISTICS
50
µs/DIV
Large-Signal Transient Response
G = 1000
VS = ±15V
RL = 2k
CL = 60pF
1167 G37
GAIN (dB)
1
1
10
100
1000
10
100
1000
1920 G30
VS = ±15V
TA = 25°C
∆VOUT = 10V
1mV = 0.01%
Settling Time vs Gain
50
µs/DIV
Small-Signal Transient Response
G = 1000
VS = ±15V
RL = 2k
CL = 60pF
1167 G38
Slew Rate vs Temperature
TEMPERATURE (
°C)
–50
–25
0.8
1.2
1.8
0
50
75
1920 G36
1.0
1.6
1.4
25
100
125
VS = ±15V
VOUT = ±10V
G = 1
+ SLEW
– SLEW
Settling Time vs Step Size
SETTLING TIME (
µs)
2
2
6
10
10
1920 G33
–2
–6
0
4
8
–4
–8
–10
4
6
8
311
5
7
9
12
0V
VOUT
TO 0.1%
TO 0.1%
TO 0.01%
TO 0.01%
0V
VOUT
VS = ±15
G = 1
TA = 25°C
CL = 30pF
RL = 1k
Output Voltage Swing
vs Load Current
OUTPUT CURRENT (mA)
+VS
+VS – 0.5
+VS – 1.0
+VS – 1.5
+VS – 2.0
–VS + 2.0
–VS + 1.5
–VS + 1.0
–VS + 0.5
–VS
0.01
1
10
100
1920 G39
0.1
VS = ±15V
85
°C
25
°C
–40
°C
SOURCE
SINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com