Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1815 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1815
Description  Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1815 Datasheet(HTML) 2 Page - Linear Technology

  LT1815_15 Datasheet HTML 1Page - Linear Technology LT1815_15 Datasheet HTML 2Page - Linear Technology LT1815_15 Datasheet HTML 3Page - Linear Technology LT1815_15 Datasheet HTML 4Page - Linear Technology LT1815_15 Datasheet HTML 5Page - Linear Technology LT1815_15 Datasheet HTML 6Page - Linear Technology LT1815_15 Datasheet HTML 7Page - Linear Technology LT1815_15 Datasheet HTML 8Page - Linear Technology LT1815_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1815/LT1816/LT1817
2
181567fb
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V)............................. 12.6V
Differential Input Voltage
(Transient Only, Note 2) ........................................... ±6V
Input Voltage ........................................................... ±VS
Output Short-Circuit Duration (Note 3) .......... Indefinite
Operating Temperature Range .................–40°C to 85°C
(Note 1)
OUT 1
V2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
+IN3
5 V+
4 –IN
+
TJMAX = 150°C, θJA = 250°C/W (NOTE 9)
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
V+
ISET
–IN
OUT
V
+IN
+
TJMAX = 150°C, θJA = 230°C/W (NOTE 9)
1
2
3
4
8
7
6
5
TOP VIEW
NC
V+
OUT
NC
NC
–IN
+IN
V
S8 PACKAGE
8-LEAD PLASTIC SO
+
TJMAX = 150°C, θJA = 150°C/W (NOTE 9)
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
OUT A
–IN A
+IN A
V
V+
OUT B
–IN B
+IN B
A
B
TJMAX = 125°C, θJA = 160°C/W (NOTE 9)
UNDERSIDE METAL INTERNALLY CONNECTED TO V
1
2
3
4
OUTA
–INA
+INA
V
8
7
6
5
V+
OUTB
–INB
+INB
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
A
B
TJMAX = 150°C, θJA = 250°C/W (NOTE 9)
1
2
3
4
5
OUT A
–IN A
+IN A
V
V
10
9
8
7
6
V+
OUT B
–IN B
+IN B
ISET
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
A
B
TJMAX = 150°C, θJA = 250°C/W (NOTE 9)
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V
S8 PACKAGE
8-LEAD PLASTIC SO
A
B
TJMAX = 150°C, θJA = 150°C/W (NOTE 9)
GN PACKAGE
16-LEAD PLASTIC SSOP NARROW
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
NC
+
+
+
+
A
B
D
C
TJMAX = 150°C, θJA = 135°C/W
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
8
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
+
+
+
+
AD
BC
TJMAX = 150°C, θJA = 100°C/W
PIN CONFIGURATION
LT1815
LT1815
LT1815
Specified Temperature Range (Note 8) ....–40°C to 85°C
Maximum Junction Temperature ......................... 150°C
(DD Package).................................................... 125°C
Storage Temperature Range .................. –65°C to 150°C
(DD Package)..................................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)................... 300°C
LT1816
LT1816
LT1816
LT1816
LT1817
LT1817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com