Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3681 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3681
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3681 Datasheet(HTML) 2 Page - Linear Technology

  LT3681_15 Datasheet HTML 1Page - Linear Technology LT3681_15 Datasheet HTML 2Page - Linear Technology LT3681_15 Datasheet HTML 3Page - Linear Technology LT3681_15 Datasheet HTML 4Page - Linear Technology LT3681_15 Datasheet HTML 5Page - Linear Technology LT3681_15 Datasheet HTML 6Page - Linear Technology LT3681_15 Datasheet HTML 7Page - Linear Technology LT3681_15 Datasheet HTML 8Page - Linear Technology LT3681_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3681
2
3681f
ELECTRICAL CHARACTERISTICS
VIN, RUN/SS Voltage.................................................36V
BOOST Pin Voltage ...................................................56V
BOOST Pin Above SW Pin.........................................30V
FB, RT, VC Voltage.......................................................5V
BIAS, PG, BD Voltage................................................30V
Maximum Junction Temperature .......................... 125°C
DC above DA.............................................................40V
Operating Temperature Range (Note 2)
LT3681E............................................... –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
●
3
3.6
V
Quiescent Current from VIN
VRUN/SS = 0.2V
0.01
0.5
μA
VBIAS = 3V, Not Switching
●
22
60
μA
VBIAS = 0, Not Switching
75
120
μA
Quiescent Current from BIAS
VRUN/SS = 0.2V
0.01
0.5
μA
VBIAS = 3V, Not Switching
●
50
120
μA
VBIAS = 0, Not Switching
05
μA
Minimum Bias Voltage
2.7
3
V
Feedback Voltage
●
1.25
1.24
1.265
1.265
1.29
1.3
V
V
FB Pin Bias Current (Note 3)
VFB = 1.25V, VC = 0.4V
●
30
100
nA
FB Voltage Line Regulation
4V < VIN < 34V
0.002
0.02
%/V
Error Amp GM
330
μMho
Error Amp Gain
800
VC Source Current
65
μA
VC Sink Current
85
μA
VC Pin to Switch Current Gain
3.5
A/V
VC Clamp Voltage
2V
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VRUNS/SS = 10V, VBOOST = 15V, VBIAS = 3.3V unless otherwise
noted. (Note 2)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RUN/SS
V
IN
SW
BOOST
BD
DC
DA
PG
BIAS
FB
GND
VC
RT
GND
TOP VIEW
DE14MA PACKAGE
14-LEAD (4mm
´ 3mm) PLASTIC DFN
15
16
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 15) IS GND, MUST BE SOLDERED TO PCB
EXPOSED PAD PIN 16 IS DC
ORDER PART NUMBER
DE PART MARKING
LT3681EDE
3681
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com