Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1962 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1962
Description  300mA, Low Noise, Micropower LDO Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1962 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1962 Datasheet HTML 8Page - Linear Technology LT1962 Datasheet HTML 9Page - Linear Technology LT1962 Datasheet HTML 10Page - Linear Technology LT1962 Datasheet HTML 11Page - Linear Technology LT1962 Datasheet HTML 12Page - Linear Technology LT1962 Datasheet HTML 13Page - Linear Technology LT1962 Datasheet HTML 14Page - Linear Technology LT1962 Datasheet HTML 15Page - Linear Technology LT1962 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1962 Series
temperature and applied voltage. The most common
dielectrics used are Z5U, Y5V, X5R and X7R. The Z5U and
Y5V dielectrics are good for providing high capacitance in
a small package, but exhibit strong voltage and tempera-
ture coefficients as shown in Figures 4 and 5. When used
with a 5V regulator, a 10
µF Y5V capacitor can exhibit an
effective value as low as 1
µF to 2µF over the operating
temperature range. The X5R and X7R dielectrics result in
more stable characteristics and are more suitable for use
as the output capacitor. The X7R type has better stability
across temperature, while the X5R is less expensive and
is available in higher values.
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress,
similar to the way a piezoelectric accelerometer or micro-
Figure 5. Ceramic Capacitor Temperature Characteristics
Figure 4. Ceramic Capacitor DC Bias Characteristics
DC BIAS VOLTAGE (V)
1962 F04
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10
µF
TEMPERATURE (
°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
1962 F05
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10
µF
APPLICATIO S I FOR ATIO
phone works. For a ceramic capacitor the stress can be
induced by vibrations in the system or thermal transients.
The resulting voltages produced can cause appreciable
amounts of noise, especially when a ceramic capacitor is
used for noise bypassing. A ceramic capacitor produced
Figure 6’s trace in response to light tapping from a pencil.
Similar vibration induced behavior can masquerade as
increased output voltage noise.
Figure 6. Noise Resulting from Tapping on a Ceramic Capacitor
LT1962-5
COUT = 10µF
CBYP = 0.01µf
ILOAD = 100mA
VOUT
500
µV/DIV
100ms/DIV
1962 F06
Thermal Considerations
The power handling capability of the device will be limited
by the maximum rated junction temperature (125
°C). The
power dissipated by the device will be made up of two
components:
1. Output current multiplied by the input/output voltage
differential: (IOUT)(VIN – VOUT), and
2. GND pin current multiplied by the input voltage:
(IGND)(VIN).
The GND pin current can be found by examining the GND
Pin Current curves in the Typical Performance Character-
istics. Power dissipation will be equal to the sum of the two
components listed above.
The LT1962 series regulators have internal thermal limit-
ing designed to protect the device during overload condi-
tions. For continuous normal conditions, the maximum
junction temperature rating of 125
°C must not be
exceeded. It is important to give careful consideration to
all sources of thermal resistance from junction to ambient.
Additional heat sources mounted nearby must also be
considered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com