Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2078 Datasheet(PDF) 2 Page - Linear Technology

Part # LT2078
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2078 Datasheet(HTML) 2 Page - Linear Technology

  LT2078 Datasheet HTML 1Page - Linear Technology LT2078 Datasheet HTML 2Page - Linear Technology LT2078 Datasheet HTML 3Page - Linear Technology LT2078 Datasheet HTML 4Page - Linear Technology LT2078 Datasheet HTML 5Page - Linear Technology LT2078 Datasheet HTML 6Page - Linear Technology LT2078 Datasheet HTML 7Page - Linear Technology LT2078 Datasheet HTML 8Page - Linear Technology LT2078 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT2078/LT 2079
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ......................................................
±22V
Differential Input Voltage .......................................
±30V
Input Voltage ............... Equal to Positive Supply Voltage
............5V Below Negative Supply Voltage
Output Short-Circuit Duration .......................... Indefinite
Specified Temperature Range
Commercial ............................................. 0
°C to 70°C
Industrial ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
TJMAX = 150°C, θJA = 150°C/ W
TJMAX = 150°C, θJA = 190°C/ W
Consult factory for Military grade parts.
VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, TA = 25°C, unless otherwise noted.
LT2078AC/LT2078AI
LT2078C/LT2078I
LT2079AC/LT2079AI
LT2079C/LT2079I
SYMBOL
PARAMETER
CONDITIONS (NOTE 1)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT2078
30
70
40
120
µV
LT2079
35
110
40
150
µV
∆VOS
Long Term Input Offset
0.4
0.5
µV/Mo
∆Time
Voltage Stability
IOS
Input Offset Current
0.05
0.25
0.05
0.35
nA
IB
Input Bias Current
6
8
6
10
nA
en
Input Noise Voltage
0.1Hz to 10Hz (Note 2)
0.6
1.2
0.6
µVP-P
Input Noise Voltage Density
fO = 10Hz (Note 2)
29
45
29
nV
√Hz
fO = 1000Hz (Note 2)
28
37
28
nV
√Hz
in
Input Noise Current
0.1Hz to 10Hz (Note 2)
2.3
4.0
2.3
pAP-P
Input Noise Current Density
fO = 10Hz (Note 2)
0.06
0.10
0.06
pA
√Hz
fO = 1000Hz
0.02
0.02
pA
√Hz
Input Resistance
(Note 3)
Differential Mode
400
800
300
800
M
Ω
Common Mode
6
6
G
Ω
Input Voltage Range
3.5
3.8
3.5
3.8
V
0
– 0.3
0
– 0.3
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.5V
95
110
92
108
dB
PSRR
Power Supply Rejection Ratio
VS = 2.3V to 12V
100
114
98
114
dB
ELECTRICAL CHARACTERISTICS
ORDER PART
NUMBER
LT2078ACS8
LT2078AIS8
LT2078CS8
LT2078IS8
2078A
2078AI
2078
2078I
PART MARKING
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LT2079AC
LT2079AI
LT2079C
LT2079I
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
S8 PACKAGE
8-LEAD PLASTIC SO
A
B
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
A
D
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com