Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2079 Datasheet(PDF) 13 Page - Linear Technology

Part # LT2079
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2079 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT2079 Datasheet HTML 8Page - Linear Technology LT2079 Datasheet HTML 9Page - Linear Technology LT2079 Datasheet HTML 10Page - Linear Technology LT2079 Datasheet HTML 11Page - Linear Technology LT2079 Datasheet HTML 12Page - Linear Technology LT2079 Datasheet HTML 13Page - Linear Technology LT2079 Datasheet HTML 14Page - Linear Technology LT2079 Datasheet HTML 15Page - Linear Technology LT2079 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT 2078/LT 2079
TYPICAL APPLICATIONS
+
–
9
10
8
1/4 LT2079
–
+
+
–
–
+
R2
1M
R2
1M
1/4 LT2079
1/4 LT2079
1/4 LT2079
3
2
1
R1
1M
R1
1M
RG
200k
6
5
7
12
13
14
R3
9.1M
R3
9.1M
9V
4
11
2R
20M
OUTPUT
4mV TO 8.2V
R
10M
2R
20M
–IN
+IN
GAIN = 1 +
()
2R1
RG
R3
R2
= 100 FOR VALUES SHOWN
LT2078/79 • TA05
INPUT BIAS CURRENT TYPICALLY < 150pA
INPUT RESISTANCE = 3R = 30M FOR VALUES SHOWN
NEGATIVE COMMON MODE LIMIT = (IB)(2R) + 20mV ≈ 140mV
GAIN BANDWIDTH PRODUCT = 1.8MHz
Picoampere Input Current, Triple Op Amp
Instrumentation Amplifier with Bias Current Cancellation
85V, –100V Common Mode Range
Instrumentation Amplifier (AV = 10)
+
–
+
–
6
5
7
1/2 LT2078
100k
100k
1/2 LT2078
2
3
1
OUTPUT
8V TO –9V
LT2078/79 • TA06
BANDWIDTH=2kHz
OUTPUT OFFSET=8mV
OUTPUT NOISE=0.8mV P-P (0.1Hz TO 10Hz)
=1.4mV RMS OVER FULL BANDWIDTH
(DOMINATED BY RESISTOR NOISE)
9V
–9V
8
4
1M
10M
1M
10M
10M
+IN
–IN
INPUT RESISTANCE =10M
Absolute Value Circuit (Full-Wave Rectifier)
+
–
–
+
5
6
7
1/2 LT2078
1/2 LT2078
2
3
1
OUTPUT
LT2078/79 • TA08
VOMIN = 4mV
NO DISTORTION TO 100Hz
5V
8
4
200k
200k
INPUT
1N4148
3.5V
–3.5V
0V
3.5V
Half-Wave Rectifier
+
–
1/2 LT2078
OUTPUT
LT2078/79 • TA07
VOMIN = 6mV
NO DISTORTION TO 100Hz
3V
2M
2M
1M
INPUT
1.8V
–1.8V
1.8V
0V
Programmable Gain Amplifier (Single Supply)
13
12
14
OUT
+
–
1/4 LT2079
9
10
+
–
1/4 LT2079
6
5
+
–
1/4 LT2079
2
3
88
3
1
2
7
4
9
A
C
B
+
–
1/4 LT2079
7
CD4016B
13
5
6
11
4
11
1
3V TO 18V
3V TO 18V
1M
100k
10k
1.11k
IN
LT2078/79 • TA09
ERROR DUE TO SWITCH ON RESISTANCE,
LEAKAGE CURRENT, NOISE AND TRANSIENTS
ARE ELIMINATED
CD4016B
GAIN PIN 13
PIN 5
PIN 6
1000
HIGH
LOW
LOW
100
LOW
HIGH
LOW
10
LOW
LOW
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com