Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2178 Datasheet(PDF) 6 Page - Linear Technology

Part # LT2178
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2178 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT2178 Datasheet HTML 2Page - Linear Technology LT2178 Datasheet HTML 3Page - Linear Technology LT2178 Datasheet HTML 4Page - Linear Technology LT2178 Datasheet HTML 5Page - Linear Technology LT2178 Datasheet HTML 6Page - Linear Technology LT2178 Datasheet HTML 7Page - Linear Technology LT2178 Datasheet HTML 8Page - Linear Technology LT2178 Datasheet HTML 9Page - Linear Technology LT2178 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT2178/LT 2179
TYPICAL PERFORMANCE CHARACTERISTICS
0.1Hz to 10Hz Noise
Short-Circuit Current
Output Saturation vs Temperature
vs Sink Current
TEMPERATURE (
°C)
1000
100
10
1
0.1
–50
0
25
50
75
100
LT2178/79 • TPC04
–25
ISINK = 1mA
ISINK = 100µA
ISINK = 1µA
NO LOAD
10k TO GROUND
2k TO GROUND
VS = 5V, 0V
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
0
20
10
0
–10
–20
–30
2
LT2178/79 • TPC05
1
VS = ±15V
VS = ±15V
VS = ±2.5V
VS = ±2.5V
VS = 5V, 0V
TIME (SECONDS)
0
2
46
8
10
12
CHANNEL A
CHANNEL B
TA = 25°C, VS = ±2.5V
LTC2178/79 • TPC06
Voltage Gain vs Frequency
Noise Spectrum
0.01Hz to 10Hz Noise
TIME (SECONDS)
0
20
40
60
80
LTC2178/79 • TPC07
100
120
CHANNEL A
CHANNEL B
TA = 25°C, VS = ±2.5V
FREQUENCY (Hz)
0.1
10
100
300
30
1000
1
1000
100
10
LT2178/79 • TPC08
TA = 25°C
VS = ±2.5V
CURRENT
NOISE
VOLTAGE NOISE
1/f CORNER
0.5Hz
FREQUENCY (Hz)
0.001
100k
LT2178/79 • TPC09
0.1
10
1k
0.01
1M
1
100
10k
140
120
100
80
60
40
20
0
–20
VS = ±15V
VS = 5V, 0V
TA = 25°C
Capacitive Load Handling
Gain, Phase vs Frequency
FREQUENCY (Hz)
30
20
10
0
–10
100k
LT2178/79 • TPC10
10k
1M
80
100
120
140
160
180
200
220
240
TA = 25°C
NO LOAD
PHASE
±15V
PHASE
5V, 0V,
GAIN
5V, 0V
GAIN
±15V
LOAD RESISTANCE TO GROUND (
Ω)
10k
10k
100k
1M
10M
100k
1M
10M
LT2178/79 • TPC11
VS = ±15V, TA = 25°C
VS = 5V, 0V, TA = 25°C
VS = 5V, 0V, TA = 85°C
Voltage Gain vs Load Resistance
CAPACITIVE LOAD (pF)
10
120
100
80
60
40
20
0
100
1000
10000
LT2078/79 • TPC12
VS = 5V, 0V
AV = 1
AV = 5
AV = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com