Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1959CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1959CS8
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1959CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1959CS8 Datasheet HTML 1Page - Linear Technology LT1959CS8 Datasheet HTML 2Page - Linear Technology LT1959CS8 Datasheet HTML 3Page - Linear Technology LT1959CS8 Datasheet HTML 4Page - Linear Technology LT1959CS8 Datasheet HTML 5Page - Linear Technology LT1959CS8 Datasheet HTML 6Page - Linear Technology LT1959CS8 Datasheet HTML 7Page - Linear Technology LT1959CS8 Datasheet HTML 8Page - Linear Technology LT1959CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LT1959
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency
BOOST Pin Current
Maximum Load Current
at VOUT = 3.3V
Maximum Load Current
at VOUT = 5V
Switch Voltage Drop
VC Pin Shutdown Threshold
Current Limit Foldback
*See “More Than Just Voltage Feedback” in the Applications Information section.
TEMPERATURE (
°C)
–50
550
540
530
520
510
500
490
480
470
460
450
100
1959 G11
–25
0
25
50
75
125
INPUT VOLTAGE (V)
5
2.6
2.8
3.2
3.4
3.6
9
13
15
4.4
1959 G13
3.0
711
3.8
4.0
4.2
L= 10
µH
L= 5
µH
L= 3
µH
L= 1.8
µH
SWITCH CURRENT (A)
0
0
10
20
40
30
60
50
12
3
45
1959 G15
80
70
100
90
DUTY CYCLE = 100%
INPUT VOLTAGE (V)
4
4.0
4.2
4.4
12
1959 G14
3.8
3.6
610
814
3.4
3.2
3.0
L= 10
µH
L= 5
µH
L= 3
µH
L= 1.8
µH
OUTPUT VOLTAGE (%)
0
5
6
7
80
1959 G16
4
3
20
40
60
100
2
1
0
FOLDBACK
CHARACTERISTICS
CURRENT
SOURCE
LOAD
RESISTOR
LOAD
MOS LOAD
POSSIBLE UNDESIRED
STABLE POINT FOR
CURRENT SOURCE
LOAD*
JUNCTION TEMPERATURE (
°C)
–50
1.4
1.2
1.0
0.8
0.6
0.4
100
1959 G17
–25
0
25
50
75
125
SHUTDOWN
SWITCH CURRENT (A)
0
250
200
400
125
°C
25
°C
350
300
45
1959 G18
150
100
50
0
1
2
3
500
450
–40
°C
Frequency Foldback
FEEDBACK PIN VOLTAGE (V)
0
500
400
300
200
100
0
0.2
0.4
0.6
0.8
1959 • G10
1.0
1.2
SWITCHING
FREQUENCY
FEEDBACK
PIN CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com