Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3959 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3959
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3959 Datasheet(HTML) 2 Page - Linear Technology

  LT3959_15 Datasheet HTML 1Page - Linear Technology LT3959_15 Datasheet HTML 2Page - Linear Technology LT3959_15 Datasheet HTML 3Page - Linear Technology LT3959_15 Datasheet HTML 4Page - Linear Technology LT3959_15 Datasheet HTML 5Page - Linear Technology LT3959_15 Datasheet HTML 6Page - Linear Technology LT3959_15 Datasheet HTML 7Page - Linear Technology LT3959_15 Datasheet HTML 8Page - Linear Technology LT3959_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT3959
2
3959fa
For more information www.linear.com/LT3959
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN ............................................................................40V
EN/UVLO (Note 2).....................................................40V
DRIVE .......................................................................40V
PGOOD......................................................................40V
SW............................................................................40V
INTVCC........................................................................8V
SYNC ..........................................................................8V
(Note 1)
VC, SS.........................................................................3V
RT ............................................................................1.5V
GND, GNDK to SGND .............................................±0.3V
FBX ................................................................. –3V to 3V
Operating Junction Temperature Range (Note 3)
LT3959E/LT3959I .............................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 125°C
12 13 14
TOP VIEW
UHEMA PACKAGE
36-LEAD (5mm
× 6mm) PLASTIC QFN
15 16 17
36 35 34 33 32 31 30
21
23
24
25
27
28
8
6
4
3
2
1
NC
NC
NC
SGND
NC
SW
SW
NC
DRIVE
VIN
EN/UVLO
SGND
NC
SW
SW
20
9
10
37
SGND
38
SW
TJMAX =125°C, θJA = 42°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 37) IS SGND, MUST BE SOLDERED TO SGND PLANE
EXPOSED PAD (PIN 38) IS SW, MUST BE SOLDERED TO SW PLANE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
TOP VIEW
FE PACKAGE
38-LEAD PLASTIC TSSOP
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
NC
NC
NC
VC
FBX
SS
RT
SYNC
PGOOD
SGND
NC
SW
NC
NC
SW
NC
GNDK
GND
GND
NC
NC
NC
NC
EN/UVLO
VIN
DRIVE
INTVCC
NC
SGND
NC
SW
NC
NC
SW
NC
GND
GND
GND
39
SGND
40
SW
TJMAX =125°C, θJA = 42°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 39) IS SGND, MUST BE SOLDERED TO SGND PLANE
EXPOSED PAD (PIN 40) IS SW, MUST BE SOLDERED TO SW PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com