Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2079AI Datasheet(PDF) 12 Page - Linear Technology

Part # LT2079AI
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2079AI Datasheet(HTML) 12 Page - Linear Technology

Back Button LT2079AI Datasheet HTML 8Page - Linear Technology LT2079AI Datasheet HTML 9Page - Linear Technology LT2079AI Datasheet HTML 10Page - Linear Technology LT2079AI Datasheet HTML 11Page - Linear Technology LT2079AI Datasheet HTML 12Page - Linear Technology LT2079AI Datasheet HTML 13Page - Linear Technology LT2079AI Datasheet HTML 14Page - Linear Technology LT2079AI Datasheet HTML 15Page - Linear Technology LT2079AI Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT2078/LT 2079
APPLICATIONS INFORMATION
4
VS = 5V, 0V
200
µs/DIV
LT2078/79 • F03
2
0
0
–100
Figure 3. Comparator Rise Response
Time to 10mV, 5mV, 2mV Overdrives
VS = 5V, 0V
200
µs/DIV
LT2078/79 • F04
0
100
0
4
2
Figure 4. Comparator Fall Response
Time to 10mV, 5mV, 2mV Overdrives
the individual characteristics of the two devices, the two
and three op amp instrumentation amplifier configura-
tions shown in this data sheet are examples. Matching
characteristics are not 100% tested on the LT2078/LT2079.
Some specifications are guaranteed by definition. For
example, 70
µV maximum offset voltage implies that mis-
match cannot be more than 140
µV. 95dB (= 17.5µV/V)
CMRR means that worst-case CMRR match is 89dB
(= 35
µV/V). However, Table 1 can be used to estimate the
expected matching performance at VS = 5V, 0V between
the two sides of the LT2078, and between amplifiers A and
D, and between amplifiers B and C of the LT2079.
Comparator Applications
The single supply operation of the LT2078/LT2079 and its
ability to swing close to ground while sinking current
lends itself to use as a precision comparator with TTL
compatible output.
TYPICAL APPLICATIONS
Micropower, 10ppm/
°C, ±5V Reference
Gain of 10 Difference Amplifier
+
–
1M
1M
10M
OUTPUT
0.0035V TO 2.4V
1/2 LT2078
BANDWIDTH= 20kHz
OUTPUT OFFSET= 0.7mV
OUTPUT NOISE= 80
µVP-P (0.1Hz TO 10Hz)
260
µVRMS OVER FULL
BANDWIDTH
THE USEFULNESS OF DIFFERENCE AMPLIFIERS IS LIMITED BY THE FACT THAT
THE INPUT RESISTANCE IS EQUAL TO THE SOURCE RESISTANCE. THE PICOAMPERE
OFFSET CURRENT AND LOW CURRENT NOISE OF THE LT2078 ALLOWS THE USE OF
1M SOURCE RESISTORS WITHOUT DEGRADATION IN PERFORMANCE. IN ADDITION,
WITH MEGOHM RESISTORS MICROPOWER OPERATION CAN BE MAINTAINED
LT2078/79 • TA04
–IN
+IN
10M
3V
–
+
+
–
2M
220k
120k
3
2
1
8
4
1/2 LT2078
9V
5VOUT
1M
6
5
7
LT1034BC-1.2
510k
1M
–5.000VOUT
–9V
510k
1%
20k
160k
1%
1/2 LT2078
SUPPLY CURRENT = 9V BATTERY = 115
µA
–9V BATTERY = 85
µA
OUTPUT NOISE = 36
µVP-P, 0.1Hz TO 10Hz
THE LT2078 CONTRIBUTES LESS THAN 3% OF THE TOTAL OUTPUT NOISE AND
DRIFT WITH TIME AND TEMPERATURE. THE ACCURACY OF THE –5V OUTPUT
DEPENDS ON THE MATCHING OF THE TWO 1M RESISTORS
LT2078/79 • TA03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com