Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBT3904LP
Description  40V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3904LP Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBT3904LP_15 Datasheet HTML 1Page - Diodes Incorporated MMBT3904LP_15 Datasheet HTML 2Page - Diodes Incorporated MMBT3904LP_15 Datasheet HTML 3Page - Diodes Incorporated MMBT3904LP_15 Datasheet HTML 4Page - Diodes Incorporated MMBT3904LP_15 Datasheet HTML 5Page - Diodes Incorporated MMBT3904LP_15 Datasheet HTML 6Page - Diodes Incorporated MMBT3904LP_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MMBT3904LP
Document number: DS31835 Rev. 5 - 2
1 of 7
www.diodes.com
May 2015
© Diodes Incorporated
MMBT3904LP
40V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Features
BVCEO > 40V
IC = 200mA High Collector Current
PD = 1000mW Power Dissipation
0.60mm
2 Package Footprint, 13 times Smaller than SOT23
0.5mm Height Package Minimizing Off-Board Profile
Complementary PNP Type MMBT3906LP
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. "Green" Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: X1-DFN1006-3
Case Material: Molded Pla
stic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 NiPdAu.
Solderable per MIL-STD-202, Method 208
Weight: 0.0008 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
MMBT3904LP-7
1N
7
8mm
3,000
MMBT3904LP-7B
1N
7
8mm
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Dio
des Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
1N = Product Type Marking Code
Top View
Device Schematic
Bottom View
X1-DFN1006-3
Device Symbol
C
E
B
C
E
B
MMBT3904LP-7
MMBT3904LP-7B
Top View
Bar Denotes Base and Emitter Side
Top View
Dot Denotes Collector Side
1N
1N
From date code 1527 (YYWW),
this changes to:
Top View
Bar Denotes Base and Emitter Side
1N
e4


Similar Part No. - MMBT3904LP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904LP-7 DIODES-MMBT3904LP-7 Datasheet
166Kb / 5P
40V NPN SURFACE MOUNT TRANSISTOR
Rev 3
MMBT3904LP-7B DIODES-MMBT3904LP-7B Datasheet
166Kb / 5P
40V NPN SURFACE MOUNT TRANSISTOR
Rev 3
More results

Similar Description - MMBT3904LP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3906LP DIODES-MMBT3906LP_15 Datasheet
409Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
2DC4617QLP DIODES-2DC4617QLP_15 Datasheet
352Kb / 5P
50V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 5
BC847BLP DIODES-BC847BLP_15 Datasheet
290Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 12
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
2DA1774QLP DIODES-2DA1774QLP_15 Datasheet
355Kb / 5P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 5
DN0150ALP4 DIODES-DN0150ALP4_15 Datasheet
294Kb / 5P
50V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
DP0150ALP4 DIODES-DP0150ALP4_15 Datasheet
290Kb / 5P
50V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
BC857BLP4 DIODES-BC857BLP4_15 Datasheet
240Kb / 5P
45V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 6
BC857BLP DIODES-BC857BLP_15 Datasheet
386Kb / 5P
45V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 11
MMBT3904FA DIODES-MMBT3904FA Datasheet
141Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com